Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM101E Datasheet (PDF) - Analog Devices

ADM101E Datasheet PDF - Analog Devices
Part # ADM101E_V01
Download  ADM101E Download
File Size   200.05 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Craft Port™ Tiny RS-232 Transceiver for Portable Applications

ADM101E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM101E Datasheet PDF - Analog Devices

Part # ADM101E_V01
Download  ADM101E Click to download

File Size   200.05 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Craft Port™ Tiny RS-232 Transceiver for Portable Applications

ADM101E Datasheet (HTML) - Analog Devices


ADM101E Product details

FEATURES
460 kbit/s Transmission Rate
Single 5 V Power Supply
Compatible with RS-232 Input/Output Levels
0.1 μF Charge Pump Capacitors
One Driver and One Receiver
On-Board DC-DC Converter
±4.2 V Output Swing with 5 V Supply
Low Power BiCMOS: 500 μA ICC
Ultralow Power (1 μA) Shutdown Mode
10-Lead MSOP Package
Qualified for Automotive Applications
APPLICATIONS
Mobile Telephones
Palmtop Computers
PDAs
Portable Instrumentation
GPS Receivers




Similar Part No. - ADM101E_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM101EARM AD-ADM101EARM Datasheet
64Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV.0
ADM101EARM AD-ADM101EARM Datasheet
73Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. A
ADM101EARMZ AD-ADM101EARMZ Datasheet
80Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. A
ADM101EARMZ-REEL7 AD-ADM101EARMZ-REEL7 Datasheet
73Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. A
More results


Similar Description - ADM101E_V01

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
High ESD Dual Port RS-232 Transceiver
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
logo
Analog Devices
ADM101E AD-ADM101E Datasheet
64Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV.0
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
High ESD Dual Port RS-232 Transceiver
logo
Analog Devices
ADM101EARMZ AD-ADM101EARMZ Datasheet
80Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. A
ADM101EARMZ-REEL7 AD-ADM101EARMZ-REEL7 Datasheet
73Kb / 6P
Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. A
logo
Exar Corporation
SP2209E EXAR-SP2209E Datasheet
717Kb / 17P
High ESD Dual Port RS-232 Transceiver
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com