Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1790344 Datasheet (PDF) - PHOENIX CONTACT

1790344 Datasheet PDF - PHOENIX CONTACT
Part # 1790344
Download  1790344 Download
File Size   653.23 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - DFMC 1,5/ 7-STF-3,5

1790344 Datasheet (PDF)

Go To PDF Page Download Datasheet
1790344 Datasheet PDF - PHOENIX CONTACT

Part # 1790344
Download  1790344 Click to download

File Size   653.23 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - DFMC 1,5/ 7-STF-3,5

1790344 Datasheet (HTML) - PHOENIX CONTACT


1790344 Product details

Plug, nominal current: 8 A, rated voltage (III/2): 160 V, number of positions: 7 with 14 contacts,
pitch: 3.5 mm, connection method: spring-cage connection, color: green, contact surface: tin

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Optimized for tight installation situations: operation and conductor connection from one direction
• Screwable flange for superior mechanical stability




Similar Part No. - 1790344

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790348 PHOENIX-1790348 Datasheet
136Kb / 5P
FFKDS/V2-5,08
More results


Similar Description - 1790344

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1708595 PHOENIX-1708595 Datasheet
42Kb / 2P
DFMC 1,5/ 2-STF-3,5 BK
1790292 PHOENIX-1790292 Datasheet
94Kb / 4P
DFMC 1,5/ 2-STF-3,5
1790302 PHOENIX-1790302 Datasheet
94Kb / 4P
DFMC 1,5/ 3-STF-3,5
1790315 PHOENIX-1790315 Datasheet
111Kb / 5P
Printed-circuit board connector - DFMC 1,5/ 4-STF-3,5
1790328 PHOENIX-1790328 Datasheet
94Kb / 4P
DFMC 1,5/ 5-STF-3,5
1790357 PHOENIX-1790357 Datasheet
80Kb / 4P
Printed-circuit board connector - DFMC 1,5/ 8-STF-3,5
1790438 PHOENIX-1790438 Datasheet
985Kb / 13P
DFMC 1,5/16-STF-3,5
1790386 PHOENIX-1790386 Datasheet
94Kb / 4P
DFMC 1,5/11-STF-3,5
1790535 PHOENIX-1790535 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 7-ST-3,5-LR
Jan 4, 2023
1847107 PHOENIX-1847107 Datasheet
761Kb / 14P
PCB connector - MC 1,5/ 7-STF-3,5
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com