Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1790551 Datasheet (PDF) - PHOENIX CONTACT

1790551 Datasheet PDF - PHOENIX CONTACT
Part # 1790551
Download  1790551 Download
File Size   778.38 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - DFMC 1,5/ 9-ST-3,5-LR

1790551 Datasheet (PDF)

Go To PDF Page Download Datasheet
1790551 Datasheet PDF - PHOENIX CONTACT

Part # 1790551
Download  1790551 Click to download

File Size   778.38 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - DFMC 1,5/ 9-ST-3,5-LR

1790551 Datasheet (HTML) - PHOENIX CONTACT


1790551 Product details

Plug, nominal current: 8 A, rated voltage (III/2): 160 V, number of positions: 9 with 18 contacts,
pitch: 3.5 mm, connection method: spring-cage connection, color: green, contact surface: tin

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Optimized for tight installation situations: operation and conductor connection from one direction
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color




Similar Part No. - 1790551

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790500 PHOENIX-1790500 Datasheet
140Kb / 5P
FFKDSA/H2-7,62
1790506 PHOENIX-1790506 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 4-ST-3,5-LR
1790513 PHOENIX-1790513 Datasheet
141Kb / 5P
FFKDS/H1-5,08
1790513 PHOENIX-1790513 Datasheet
99Kb / 3P
FFKDSA1/H1-7,62
1790519 PHOENIX-1790519 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 5-ST-3,5-LR
More results


Similar Description - 1790551

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790483 PHOENIX-1790483 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 2-ST-3,5-LR
1790577 PHOENIX-1790577 Datasheet
172Kb / 10P
Printed-circuit board connector - DFMC 1,5/11-ST-3,5-LR
1790629 PHOENIX-1790629 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/16-ST-3,5-LR
1790645 PHOENIX-1790645 Datasheet
160Kb / 10P
Printed-circuit board connector - DFMC 1,5/18-ST-3,5-LR
1790661 PHOENIX-1790661 Datasheet
161Kb / 10P
Printed-circuit board connector - DFMC 1,5/20-ST-3,5-LR
1790593 PHOENIX-1790593 Datasheet
154Kb / 10P
Printed-circuit board connector - DFMC 1,5/13-ST-3,5-LR
09/12/2020
1790548 PHOENIX-1790548 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 8-ST-3,5-LR
Nov 30, 2022
1790496 PHOENIX-1790496 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 3-ST-3,5-LR
Dec 30, 2022
1790535 PHOENIX-1790535 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 7-ST-3,5-LR
Jan 4, 2023
1790632 PHOENIX-1790632 Datasheet
753Kb / 15P
PCB connector - DFMC 1,5/17-ST-3,5-LR
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com