Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1804755 Datasheet (PDF) - PHOENIX CONTACT

1804755 Datasheet PDF - PHOENIX CONTACT
Part # 1804755
Download  1804755 Download
File Size   415.73 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PCV 4/ 9-G-7,62

1804755 Datasheet (PDF)

Go To PDF Page Download Datasheet
1804755 Datasheet PDF - PHOENIX CONTACT

Part # 1804755
Download  1804755 Click to download

File Size   415.73 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PCV 4/ 9-G-7,62

1804755 Datasheet (HTML) - PHOENIX CONTACT


1804755 Product details

PCB headers, nominal cross section: 4 mm2, color: green, nominal current: 20 A, rated voltage
(III/2): 630 V, contact surface: Tin, type of contact: Male connector, number of potentials: 9,
number of rows: 1, number of positions: 9, number of connections: 9, product range: PCV 4/..-G,
pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 5 mm,
number of solder pins per potential: 2, plug-in system: COMBICON PC 4, Pin connector pattern
alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard, Mounting flange: Accessory Item No. 1827570

Your advantages
• Well-known mounting principle allows worldwide use
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules




Similar Part No. - 1804755

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1804700 PHOENIX-1804700 Datasheet
143Kb / 5P
PCV 4/ 4-G-7,62
logo
Tyco Electronics
1804700-1 MACOM-1804700-1 Datasheet
137Kb / 3P
Hydraulic Crimping Head
1804700-2 MACOM-1804700-2 Datasheet
137Kb / 3P
Hydraulic Crimping Head
logo
TE Connectivity Ltd
1804709-2 TEC-1804709-2 Datasheet
4Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
1804709-2 TEC-1804709-2 Datasheet
4Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results


Similar Description - 1804755

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1804700 PHOENIX-1804700 Datasheet
143Kb / 5P
PCV 4/ 4-G-7,62
1720644 PHOENIX-1720644 Datasheet
71Kb / 4P
Housing - PCV 5/ 9-G-7,62
1192623 PHOENIX-1192623 Datasheet
443Kb / 10P
PCB header - PCV 6/ 2-G-7,62 P26THR
Jul 20, 2022
1192625 PHOENIX-1192625 Datasheet
450Kb / 10P
PCB header - PCV 6/ 3-G-7,62 P26THR
Jul 20, 2022
1192627 PHOENIX-1192627 Datasheet
450Kb / 10P
PCB header - PCV 6/ 4-G-7,62 P26THR
Jul 20, 2022
1192631 PHOENIX-1192631 Datasheet
449Kb / 10P
PCB header - PCV 6/ 6-G-7,62 P26THR
Jul 20, 2022
1720589 PHOENIX-1720589 Datasheet
441Kb / 14P
PCB header - PCV 5/ 3-G-7,62
Nov 30, 2022
1804713 PHOENIX-1804713 Datasheet
417Kb / 11P
PCB header - PCV 4/ 5-G-7,62
Nov 30, 2022
1804742 PHOENIX-1804742 Datasheet
415Kb / 11P
PCB header - PCV 4/ 8-G-7,62
Dec 30, 2022
1271665 PHOENIX-1271665 Datasheet
611Kb / 9P
PCV 4/ 9-G-6,35 P26 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com