Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

858-XL8-10TRLS1 Datasheet (PDF) - NorComp

858-XL8-10TRLS1 Datasheet PDF - NorComp
Part # 858-XL8-10TRLS1
Download  858-XL8-10TRLS1 Download
File Size   129.21 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 CONNECTOR SERIES-MALE-CABLE MOUNT-SOLDER CUP-8POSITION-X CODE

858-XL8-10TRLS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
858-XL8-10TRLS1 Datasheet PDF - NorComp

Part # 858-XL8-10TRLS1
Download  858-XL8-10TRLS1 Click to download

File Size   129.21 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M12 CONNECTOR SERIES-MALE-CABLE MOUNT-SOLDER CUP-8POSITION-X CODE

858-XL8-10TRLS1 Datasheet (HTML) - NorComp


858-XL8-10TRLS1 Product details

FEATURES
M12 connector pin configurations: 3 pin, 4 pin, 5 pin, 6 pin, 8 pin, 12 pin
Non-removable Contacts
Meets IP67/IP68 water proof requirements
-40°C to +85°C Temperature Range
Available as loose piece or as pre-made M12 cables

MATERIALS
SHELL: Brass-Nickel Plated or Stainless Steel
INSULATOR: PBT-Black, UL 94V-0 (Other materials available)
CONTACTS: Brass, Gold Plated
NUT: Brass-Nickel Plated
O-RING: EPDM - Black (Other materials available)




Similar Part No. - 858-XL8-10TRLS1

ManufacturerPart #DatasheetDescription
logo
NorComp
858-XL8-203RLS1 NORCOMP-858-XL8-203RLS1 Datasheet
127Kb / 2P
M12 FEMALE - CABLE MOUNT SOLDER CUP - 8 POS - X-CODE
REV.02
858-XL8-203RLS4 NORCOMP-858-XL8-203RLS4 Datasheet
127Kb / 2P
M12 FEMALE - CABLE MOUNT SOLDER CUP - 8 POS - X-CODE
REV.02
858-XL8-20TRLS1 NORCOMP-858-XL8-20TRLS1 Datasheet
127Kb / 2P
M12 FEMALE - CABLE MOUNT SOLDER CUP - 8 POS - X-CODE
REV.02
858-XL8-20TRLS4 NORCOMP-858-XL8-20TRLS4 Datasheet
127Kb / 2P
M12 FEMALE - CABLE MOUNT SOLDER CUP - 8 POS - X-CODE
REV.02
More results


Similar Description - 858-XL8-10TRLS1

ManufacturerPart #DatasheetDescription
logo
NorComp
855-008-103R004 NORCOMP-855-008-103R004 Datasheet
61Kb / 1P
M8 SERIES-MALE-PANEL MOUNT SOLDER CUP-8POSITION
Rev.02 04/07/2021
858-008-103RKTY NORCOMP-858-008-103RKTY Datasheet
84Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-8POSITION
REV.4 03/07/2016
858-008-103RLS4 NORCOMP-858-008-103RLS4 Datasheet
85Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-SOLDER CUP-8POSITION
REV.4 03-07-16
858-008-103RSSY NORCOMP-858-008-103RSSY Datasheet
77Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-SOLDER CUP-8POSITION
REV.1 03/27/2019
858-008-203RLSY NORCOMP-858-008-203RLSY Datasheet
79Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-8POSITION
REV.4 03-07-16
858-008-203RSUY NORCOMP-858-008-203RSUY Datasheet
81Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-SOLDER CUP-8POSITION
REV.3 03-07-16
858-012-103RLSY NORCOMP-858-012-103RLSY Datasheet
75Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-SOLDER CUP-8POSITION-SHIELDED
REV.4 04-19-16
858-B05-103RKT4 NORCOMP-858-B05-103RKT4 Datasheet
79Kb / 1P
M12 CONNECTOR SERIES-MALE-B CODE-SOLDER CUP-5POSITION-CABLE KIT
REV.2 11/06/2020
858-X08-1NSRLS4 NORCOMP-858-X08-1NSRLS4 Datasheet
72Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-SOLDER CUP-8POSITION-X CODE-NO BACKSHELL
REV.0 05/23/2022
858-X08-203RLS4 NORCOMP-858-X08-203RLS4 Datasheet
127Kb / 2P
M12 FEMALE - CABLE MOUNT SOLDER CUP - 8 POS - X-CODE
REV.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com