Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX25255 Datasheet (PDF) - Analog Devices

MAX25255 Datasheet PDF - Analog Devices
Part # MAX25255
Download  MAX25255 Download
File Size   777.54 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MAX25255 Dual Phase Evaluation Kit

MAX25255 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX25255 Datasheet PDF - Analog Devices

Part # MAX25255
Download  MAX25255 Click to download

File Size   777.54 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MAX25255 Dual Phase Evaluation Kit

MAX25255 Datasheet (HTML) - Analog Devices


MAX25255 Product details

General Description
The MAX25255 dual phase evaluation kit (EV kit) provides
a proven design to evaluate the MAX25254/
MAX25255 automotive 2MHz synchronous buck converter
dual phase operation. The EV kit comes with a
MAX25255DAFDA/VY+ (3.3V/2MHz) installed, as well as
various test points and jumpers for evaluation.
The EV kit is designed to deliver up to 12A with input voltage
3V to 36V. The output voltage quality can be monitored
by observing the PGOOD1 signal. The EV kit can
also be used to evaluate other MAX25254/MAX25255
variants with minimal component changes.

Features
● Input Supply Range from 3V to 36V
● Buck Provides 3.3V Fixed Output and Adjustable
from 0.8V to 14V
● Delivers up to 12A/16A Output Current
● Selectable BIAS LDO Input Source
● Frequency-Synchronization Input
● Independent Enable Inputs
● Spread-Spectrum Available
● Voltage Monitoring PGOOD Output Available
● Proven PCB Layout
● Fully Assembled and Tested




Similar Part No. - MAX25255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX25255 AD-MAX25255 Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
MAX25255AFDA/VY+ AD-MAX25255AFDA/VY+ Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
MAX25255AFDB/VY+ AD-MAX25255AFDB/VY+ Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
MAX25255DAFDA/VY+ AD-MAX25255DAFDA/VY+ Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
MAX25255DAFDB/VY+ AD-MAX25255DAFDB/VY+ Datasheet
1Mb / 24P
Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
Rev 2; 6/22
More results


Similar Description - MAX25255

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com