Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZ3726 Datasheet (PDF) - Asahi Kasei Microsystems

CZ3726 Datasheet PDF - Asahi Kasei Microsystems
Part # CZ3726
Download  CZ3726 Download
File Size   1337.71 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor

CZ3726 Datasheet (PDF)

Go To PDF Page Download Datasheet
CZ3726 Datasheet PDF - Asahi Kasei Microsystems

Part # CZ3726
Download  CZ3726 Click to download

File Size   1337.71 Kbytes
Page   18 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor

CZ3726 Datasheet (HTML) - Asahi Kasei Microsystems


CZ3726 Product details

General Description
CZ-3726 is an open-type current sensor using Hall sensors, which outputs the analog voltage
proportional to the AC/DC current. Group III-V semiconductor thin film is used as the Hall sensor, which enables the high-accuracy and high-speed current sensing. Coreless ultra-small surface mount package realizes the space-saving. Also, the low primary conductor resistance suppresses heat generation to achieve the 60Arms continuous current. Existing coreless current sensors have an accuracy disadvantage from degradations caused by a disturbed magnetic field. The CZ-372x series has a built-in stray magnetic field reduction function to suppress this effect. The CZ-372x series is also UL 61800-5-1 safety compliant, which is an excellent fit for industrial AC drives, servo motors, etc. The CZ-372x series has a large variety of linear measurement ranges, from 10.3A (CZ-3720), to 345.2A, (CZ-3726). This enables the designer to use the same board design across different products and helps the user to expand the options to different current ratings.

Features
□ Compliant with safety standard of UL61800-5-1 (Clearance, Creepage distance ≥ 8.0mm)
□ Certified with safety standards of UL-1577 and IEC/UL62368-1.
□ Maximum Primary Current : 60Arms
□ High-accuracy : ±0.7%F.S.(Ta=0~90°C Typ.)
□ Quite small primary conductor resistance : 0.27mΩ Typ.
□ Fast response time : 1μs Typ.
□ Stray magnetic field reduction function
□ Small-sized surface mount package(12.7mm×10.9mm×2.25mm)
□ Differential output with VREF pin
□ Isolation Voltage:3.0kV(AC50Hz,60s)
□ Ratiometric output

Applications
□ AC motors
□ DC motors
□ UPS
□ General Inverters
□ Power conditioners




Similar Part No. - CZ3726

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CZ3721 AKM-CZ3721 Datasheet
1Mb / 17P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
2021/11
More results


Similar Description - CZ3726

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CZ-3700 AKM-CZ-3700 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3701 AKM-CZ-3701 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3702 AKM-CZ-3702 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3703 AKM-CZ-3703 Datasheet
915Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3704 AKM-CZ-3704 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3705 AKM-CZ-3705 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3706 AKM-CZ-3706 Datasheet
916Kb / 16P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
CZ-3700 AKM-CZ-3700_V01 Datasheet
1Mb / 17P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
2021/11
CZ-3701 AKM-CZ-3701_V01 Datasheet
1Mb / 17P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
2021/11
CZ-3721 AKM-CZ-3721 Datasheet
1Mb / 17P
Clearance/Creepage 8mm 60Arms Accurate Coreless Current Sensor
2021/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com