Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS486 Datasheet (PDF) - Bridgelux, Inc.

DS486 Datasheet PDF - Bridgelux, Inc.
Part # DS486
Download  DS486 Download
File Size   436.75 Kbytes
Page   16 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Bridgelux® Pallas-A Single Channel 60W (0-10V) Linear Driver

DS486 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS486 Datasheet PDF - Bridgelux, Inc.

Part # DS486
Download  DS486 Click to download

File Size   436.75 Kbytes
Page   16 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description Bridgelux® Pallas-A Single Channel 60W (0-10V) Linear Driver

DS486 Datasheet (HTML) - Bridgelux, Inc.




Similar Part No. - DS486

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
Dallas Semiconductor
DS4802 DALLAS-DS4802 Datasheet
142Kb / 19P
Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
DS4802S DALLAS-DS4802S Datasheet
142Kb / 19P
Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
DS4802U DALLAS-DS4802U Datasheet
142Kb / 19P
Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
DS4802X DALLAS-DS4802X Datasheet
142Kb / 19P
Low Voltage, Micro Power, High Performance, Rail-To-Rail Dual Op-Amp
More results


Similar Description - DS486

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D45H1B MOSPEC-D45H1B Datasheet
91Kb / 2P
POWER TRANSISTORS(10A,10V,60W)
logo
Phihong USA Inc.
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
Infineon Technologies A...
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
A 0-10V Dimming Solution
V1.1 2017-08-04
logo
LinkCom Manufacturing C...
DAL000N802AON0-00G LINKCOM-DAL000N802AON0-00G Datasheet
193Kb / 2P
DALI 0-10V Relay Driver
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
Bridgelux® SMD 3030 Series
05/2016
DS484 BRIDGELUX-DS484 Datasheet
405Kb / 16P
Bridgelux® Pallas-A Single Channel 46W (0-10V) Linear Driver
Rev. A 08/2022
DS485 BRIDGELUX-DS485 Datasheet
432Kb / 16P
Bridgelux® Pallas-A Single Channel 40W (0-10V) Linear Driver
Rev. A 08/2022
DS487 BRIDGELUX-DS487 Datasheet
414Kb / 16P
Bridgelux® Pallas-A Single Channel 80W (0-10V) Linear Driver
Rev. A 08/2022
DS488 BRIDGELUX-DS488 Datasheet
405Kb / 16P
Bridgelux® Pallas-A Single Channel 96W (0-10V) Linear Driver
Rev. A 08/2022
SMD2835 BRIDGELUX-SMD2835 Datasheet
1Mb / 23P
Bridgelux® SMD 2835 0.2W 3V
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com