| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
1200790109
|
45Kb / 2P |
Ultra-Lock (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 22 AWG, Yellow PVC Cable, 2.0m (6.56) Length
11/18/2022 |
|
1200790138
|
22Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 22 AWG, Yellow PVC Cable, 2.0m (6.56) Length
10/06/2022 |
|
1200790164
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 22 AWG, Yellow PVC Cable, 2.0m (6.56) Length
11/22/2022 |
|
1200790232
|
27Kb / 2P |
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Female (90°) to Pigtail, 22 AWG, Yellow PVC Cable, 2.0m (6.56) Length
11/15/2022 |
|
1200790263
|
37Kb / 2P |
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 22 AWG, Black PVC Cable, 2.0m (6.56) Length
11/22/2022 |
|
1200790269
|
27Kb / 2P |
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Female (90°) to Pigtail, 22 AWG, Black PVC Cable, 2.0m (6.56) Length
11/22/2022 |
|
1200790277
|
27Kb / 2P |
Ultra-Lock (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 22 AWG, Black PVC Cable, 2.0m (6.56) Length
11/18/2022 |
|
1200795102
|
27Kb / 2P |
Ultra-Lock (M12) Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 22 AWG, PVC Cable, 2.0m (6.56) Length
08/29/2022 |
|
1200795103
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 22 AWG, PUR/PVC Cable, 2.0m (6.56) Length
09/03/2022 |
|
1200798012
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 22 AWG, PUR/PVC Cable, 2.0m (6.56) Length
11/17/2022 |