Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3231GCZ Datasheet (PDF) - Heyco.

M3231GCZ Datasheet PDF - Heyco.
Part # M3231GCZ
Download  M3231GCZ Download
File Size   204.89 Kbytes
Page   1 Pages
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.
Description Heyco®-Tite Liquid Tight Cordgrips for Enphase Q Cables

M3231GCZ Datasheet (PDF)

Go To PDF Page Download Datasheet
M3231GCZ Datasheet PDF - Heyco.

Part # M3231GCZ
Download  M3231GCZ Click to download

File Size   204.89 Kbytes
Page   1 Pages
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.
Description Heyco®-Tite Liquid Tight Cordgrips for Enphase Q Cables

M3231GCZ Datasheet (HTML) - Heyco.


M3231GCZ Product details

Straight-Thru, NPT Hubs with Integral Sealing Ring
The Ultimate in Liquid Tight Strain Relief Protection

• Two new cordgrips now accommodate
the Enphase Q Cable – M3231GCZ
(1/2˝ NPT) and M3234GDA-SM
(3/4˝ NPT).
• The 1/2˝ version provides liquid tight
entry for one Enphase Q Cable –
.24 x .38˝ (6,1 x 9,7 mm).
• The 3/4˝ version provides liquid tight
entry for up to two Enphase Q Cables –
.24 x .38” (6,1 x 9,7 mm) and an
additional .130” (3,3 mm) dia. hole for
a #8 solid grounding cable.
• The 3/4˝ version utilizes our skinnedover
technology so any unused holes
will retain a liquid tight seal.
• Rated for use with DG Cable.

• The jersey pine tree mounting style
installs easily with superior holding
power.
• UVX nylon protects from corrosion due
to outdoor exposure.
• Installs into .260˝ (6,6 mm) mounting
hole.
• Holds up to 2 cables between .230 -
.315˝ (5,8 - 8,0 mm) each.
• Cables install with fingertip pressure.
• Molded from our robust UVX nylon 6/6
with extended UV capabilities for our
Solar 20 Year Warranty.




Similar Part No. - M3231GCZ

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3231GCF-SM HEYCO-M3231GCF-SM Datasheet
344Kb / 1P
Tite Liquid Tight Break-Thru™Cordgrips
M3231GCP-SM HEYCO-M3231GCP-SM Datasheet
344Kb / 1P
Tite Liquid Tight Break-Thru™Cordgrips
More results


Similar Description - M3231GCZ

ManufacturerPart #DatasheetDescription
logo
Heyco.
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4530 HEYCO-4530 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4560 HEYCO-4560 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
9760 HEYCO-9760 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
14830 HEYCO-14830 Datasheet
112Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14905 HEYCO-14905 Datasheet
87Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com