Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

98ARB18753C Datasheet (PDF) - ON Semiconductor

98ARB18753C Datasheet PDF - ON Semiconductor
Part # 98ARB18753C
Download  98ARB18753C Download
File Size   763.28 Kbytes
Page   24 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Operational Amplifier, 36 V, 3 MHz, 0.95 mV Input Offset Voltage, Rail-to-Rail

98ARB18753C Datasheet (PDF)

Go To PDF Page Download Datasheet
98ARB18753C Datasheet PDF - ON Semiconductor

Part # 98ARB18753C
Download  98ARB18753C Click to download

File Size   763.28 Kbytes
Page   24 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Operational Amplifier, 36 V, 3 MHz, 0.95 mV Input Offset Voltage, Rail-to-Rail

98ARB18753C Datasheet (HTML) - ON Semiconductor


98ARB18753C Product details

The NCS2023x series of op amps feature a wide supply range of
2.7 V to 36 V with an input offset voltage as low as ±0.95 mV max.
These op amps are available in single, dual, and quad channel
configurations. Automotive qualified options are available under the
NCV prefix with an optional extended operating temperature range
from −40°C to 150°C. All other versions are specified over the
operating temperature range from −40°C to 125°C.

Features
• Supply Voltage Range: 2.7 V to 36 V
• Temperature Range: −40°C to 150°C
• Unity Gain Bandwidth: 3 MHz
• Input Offset Voltage: ±1.2 mV max, TA = −40 to 150°C
• Input Offset Voltage Drift: ±2 V/°C max
• Common−Mode Input Voltage Range
♦ Optimal: VSS – 0.1 to VDD − 2 V
♦ Functional: VSS – 0.1 to VDD + 0.1 V
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Telecom Equipment
• Power Supply Designs
• Diesel Injection Control
• Automotive
• Motor Control




Similar Part No. - 98ARB18753C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
98ARB18753C ONSEMI-98ARB18753C Datasheet
291Kb / 10P
Single 2-Input NAND Gate
April, 2022 ??Rev. 16
98ARB18753C ONSEMI-98ARB18753C Datasheet
290Kb / 10P
Single 2-Input NOR Gate
March, 2022?뭃ev. 12
98ARB18753C ONSEMI-98ARB18753C Datasheet
289Kb / 9P
Single Inverter
May, 2022 ??Rev. 14
98ARB18753C ONSEMI-98ARB18753C Datasheet
291Kb / 10P
Single 2-Input AND Gate
April, 2022 ??Rev. 19
98ARB18753C ONSEMI-98ARB18753C Datasheet
248Kb / 10P
Single Inverter with Schmitt-Trigger Input
March, 2022 ??Rev. 17
More results


Similar Description - 98ARB18753C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA197 TI1-OPA197_16 Datasheet
1Mb / 39P
36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
STMicroelectronics
TS9511 STMICROELECTRONICS-TS9511 Datasheet
505Kb / 11P
Precision rail-to-rail input/output 3 MHz single operational amplifier
July 2013 Rev 6
logo
Texas Instruments
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
logo
ON Semiconductor
NCS20166 ONSEMI-NCS20166 Datasheet
1Mb / 13P
Precision Operational Amplifier, Low Offset, 10MHz, Rail-to-Rail Input/Output
April, 2020 ??Rev. 0
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com