Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE1005CT-1001JN-2SWP Datasheet (PDF) - Vishay Barry

RE1005CT-1001JN-2SWP Datasheet PDF - Vishay Barry
Part # RE1005CT-1001JN-2SWP
Download  RE1005CT-1001JN-2SWP Download
File Size   182.07 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 8W AlN Chip Resistor w/ Both Mounting Pads Extended

RE1005CT-1001JN-2SWP Datasheet (PDF)

Go To PDF Page Download Datasheet
RE1005CT-1001JN-2SWP Datasheet PDF - Vishay Barry

Part # RE1005CT-1001JN-2SWP
Download  RE1005CT-1001JN-2SWP Click to download

File Size   182.07 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 8W AlN Chip Resistor w/ Both Mounting Pads Extended

RE1005CT-1001JN-2SWP Datasheet (HTML) - Vishay Barry


RE1005CT-1001JN-2SWP Product details

RE1005ZZ-XXXXJN-2S Features:
• Wraparound w/ Both Pads Extended Configuration
• Solder Attachment
• Customer Defined Testing Available
• RoHS Compliant or Sn62
• Tape & Reel or Waffle Pack Available
(Standard is bulk)
• 5% Resistor Tolerance

RE1005ZZ-XXXXJN-2S Parameters:
Resistance Range: 10Ω - 1KΩ
Rated Power: 8W*
Construction: Thick Film on AlN
Operating Temperature: -55 to +150°C




Similar Part No. - RE1005CT-1001JN-2SWP

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RE1005CT-1001JN-2S BARRY-RE1005CT-1001JN-2S Datasheet
163Kb / 1P
Aluminum Nitride
Rev.A 04/13/04
More results


Similar Description - RE1005CT-1001JN-2SWP

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RE0805ZZ-XXXXJN-2S BARRY-RE0805ZZ-XXXXJN-2S Datasheet
168Kb / 2P
5W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RE0805ZZ-XXXXJN-98 BARRY-RE0805ZZ-XXXXJN-98 Datasheet
169Kb / 2P
5W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.C DEC 14 2016
RZ1005ZZ-XXXXJN-2S BARRY-RZ1005ZZ-XXXXJN-2S Datasheet
202Kb / 2P
8W AlN Chip Resistor w/ One Extended Mounting Pad
REV.B JAN 12 2017
RE1005ZZ-XXXXJN-98 BARRY-RE1005ZZ-XXXXJN-98 Datasheet
183Kb / 2P
8W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
REC1206ZZ-XXXXJN-2S BARRY-REC1206ZZ-XXXXJN-2S Datasheet
164Kb / 2P
10W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.D FEB 19 2019
REC1206ZZ-XXXXJN-98 BARRY-REC1206ZZ-XXXXJN-98 Datasheet
162Kb / 2P
12W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.B FEB 19 2019
REC2010ZZ-XXXXJN-2T BARRY-REC2010ZZ-XXXXJN-2T Datasheet
173Kb / 2P
30W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 15 2016
REC2010ZZ-XXXXJN-99 BARRY-REC2010ZZ-XXXXJN-99 Datasheet
175Kb / 2P
30W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 15 2016
REC3725ZZ-XXXXJN-2T BARRY-REC3725ZZ-XXXXJN-2T Datasheet
172Kb / 2P
60W AlN Chip Resistor w/ Both Mounting Pads Extended
REC3725ZZ-XXXXJN-99 BARRY-REC3725ZZ-XXXXJN-99 Datasheet
155Kb / 2P
60W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.A DEC 15 2016
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com