Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC-1840WP Datasheet (PDF) - Advantech Co., Ltd.

TPC-1840WP Datasheet PDF - Advantech Co., Ltd.
Part # TPC-1840WP
Download  TPC-1840WP Download
File Size   504.17 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-Core Processor

TPC-1840WP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC-1840WP Datasheet PDF - Advantech Co., Ltd.

Part # TPC-1840WP
Download  TPC-1840WP Click to download

File Size   504.17 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-Core Processor

TPC-1840WP Datasheet (HTML) - Advantech Co., Ltd.


TPC-1840WP Product details

Features
ƒƒ 18.5" WXGA TFT LED LCD display with 16:9 widescreen aspect ratio
ƒƒ AMD dual-core T56E 1.65 GHz processor with independent GPU for advanced
graphics performance
ƒƒ IP66-rated, true-flat touchscreen with PCAP multi-touch control
ƒƒ Built-in function key and home key for intuitive operation
ƒƒ Anti-scratch surface with 7H hardness
ƒƒ Easy-access CFast, HDD, and mini PCIe slots
ƒƒ Supports expansion via mini PCIe slot
ƒƒ Supports HDMI for secondary display
ƒƒ Supports HD audio for alarm applications
ƒƒ Front-facing LED indicators for showing operating status
ƒƒ Compact design with die cast magnesium alloy front bezel
ƒƒ Fanless cooling system
ƒƒ Winner of the 2013 iF product design award




Similar Part No. - TPC-1840WP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-1840WP-T3AE ADVANTECH-TPC-1840WP-T3AE Datasheet
425Kb / 2P
18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-core processor
More results


Similar Description - TPC-1840WP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SPC-1840WP-T3AE ADVANTECH-SPC-1840WP-T3AE Datasheet
533Kb / 2P
18.5" WXGA TFT LED LCD stationary Multi-Touch Panel Computer with AMD dual-core processor
TPC-1840WP-T3AE ADVANTECH-TPC-1840WP-T3AE Datasheet
425Kb / 2P
18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-core processor
TPC-2140WP-T3AE ADVANTECH-TPC-2140WP-T3AE Datasheet
416Kb / 2P
21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-core processor
logo
Axiomtek Co., Ltd.
GOT3187W-111-PCT AXIOMTEK-GOT3187W-111-PCT_17 Datasheet
500Kb / 2P
18.5 WXGA TFT Fanless Multi-Touch Panel Computer
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_17 Datasheet
513Kb / 2P
18.5 WXGA TFT Multi-touch Panel Computer with Intel Celeron Processor
GOT3187WL-834-PCT AXIOMTEK-GOT3187WL-834-PCT Datasheet
491Kb / 2P
18.5 WXGA TFT Multi-touch Panel Computer with Intel Celeron Processor
GOT318WL-845 AXIOMTEK-GOT318WL-845 Datasheet
392Kb / 2P
18.5 WXGA TFT Multi-touch Panel Computer with Intel짰 Pentium짰 Processor
logo
Advantech Co., Ltd.
TPC-1581WP ADVANTECH-TPC-1581WP_V01 Datasheet
590Kb / 2P
15.6 WXGA TFT LED LCD Multi-Touch Panel Computer with 4th Gen. Intel짰 Core??i3 Processor
5-Jan-2021
SPC-1881WP ADVANTECH-SPC-1881WP Datasheet
421Kb / 2P
18.5 WXGA TFT LED LCD Stationary Multi-Touch Panel Computer with Intel짰 Core??i3 Processor
14-May-2019
TPC-2140WP ADVANTECH-TPC-2140WP Datasheet
495Kb / 2P
21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-Core Processor
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com