Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7427501 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7427501 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7427501
Download  7427501 Download
File Size   948.46 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-UKW EMI Suppression 6-Hole Ferrite Bead

7427501 Datasheet (PDF)

Go To PDF Page Download Datasheet
7427501 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7427501
Download  7427501 Click to download

File Size   948.46 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-UKW EMI Suppression 6-Hole Ferrite Bead

7427501 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7427501 Product details

General Information:
Operating Temperature -25 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 7427501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74275010 WURTH-74275010 Datasheet
954Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.009
74275011 WURTH-74275011 Datasheet
949Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.009
74275013 WURTH-74275013 Datasheet
900Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
006.009
More results


Similar Description - 7427501

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74275243 WURTH-74275243 Datasheet
853Kb / 5P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
7427504 WURTH-7427504 Datasheet
897Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.010
74275022 WURTH-74275022 Datasheet
951Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
007.000
7427503 WURTH-7427503 Datasheet
895Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.009
74275043 WURTH-74275043 Datasheet
900Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
005.008
74275013 WURTH-74275013 Datasheet
900Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
006.009
74275011 WURTH-74275011 Datasheet
949Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
004.009
74275023 WURTH-74275023 Datasheet
952Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
006.010
74275123 WURTH-74275123 Datasheet
953Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
001.000
742750421 WURTH-742750421 Datasheet
689Kb / 7P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
006.009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com