Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7427520 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7427520 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7427520
Download  7427520 Download
File Size   639.59 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CMS SMT Bead Array

7427520 Datasheet (PDF)

Go To PDF Page Download Datasheet
7427520 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7427520
Download  7427520 Click to download

File Size   639.59 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-CMS SMT Bead Array

7427520 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7427520 Product details

General Information:
Do not use this part constantly beyond the Rated Current, as this will create excessive heat and can
harm the component
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 7427520

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427521 WURTH-7427521 Datasheet
66Kb / 2P
COMMON MODE SMD BEAD WE-CMS
74275223 WURTH-74275223 Datasheet
878Kb / 5P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
7427523 WURTH-7427523 Datasheet
587Kb / 6P
WE-CMS SMT Bead Array
002.001
74275243 WURTH-74275243 Datasheet
853Kb / 5P
WE-UKW EMI Suppression 6-Hole Ferrite Bead
More results


Similar Description - 7427520

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427521 WURTH-7427521 Datasheet
66Kb / 2P
COMMON MODE SMD BEAD WE-CMS
742792030 WURTH-742792030 Datasheet
647Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
001.000
782763301 WURTH-782763301 Datasheet
517Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
782631141 WURTH-782631141 Datasheet
560Kb / 7P
WE-CBA SMT EMI Suppression Ferrite Bead
002.000
74269242261 WURTH-74269242261 Datasheet
711Kb / 7P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
782853401 WURTH-782853401 Datasheet
513Kb / 6P
WE-CBA SMT EMI Suppression Ferrite Bead
001.001
74269242111 WURTH-74269242111 Datasheet
714Kb / 7P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.000
7427523 WURTH-7427523 Datasheet
587Kb / 6P
WE-CMS SMT Bead Array
002.001
7426926222 WURTH-7426926222 Datasheet
480Kb / 6P
WE-TMSB SMT EMI Suppression Ferrite Bead
001.001
7427928801 WURTH-7427928801 Datasheet
950Kb / 8P
WE-CBF SMT EMI Suppression Ferrite Bead
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com