Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

152RMH Datasheet (PDF) - Vishay Siliconix

152RMH Datasheet PDF - Vishay Siliconix
Part # 152RMH_V01
Download  152RMH Download
File Size   105.55 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Miniature, High Voltage

152RMH Datasheet (PDF)

Go To PDF Page Download Datasheet
152RMH Datasheet PDF - Vishay Siliconix

Part # 152RMH_V01
Download  152RMH Click to download

File Size   105.55 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Radial Miniature, High Voltage

152RMH Datasheet (HTML) - Vishay Siliconix


152RMH Product details

FEATURES
• Long useful life: 3000 h to 4000 h at 105 °C
• AEC-Q200 qualified
• Miniaturized, ultra high CV-product per unit
volume
• High reliability
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case,
insulated with a blue sleeve
• Pressure relief
• Charge and discharge proof
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 152RMH_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
Aluminum Capacitors Radial Miniature, High Voltage
09-Nov-12
152RMH VISHAY-152RMH_17 Datasheet
107Kb / 6P
Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
17-Mar-17
More results


Similar Description - 152RMH_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
047RMS ETC1-047RMS Datasheet
56Kb / 13P
Aluminum electrolytic capacitors Radial Miniature Semi-Professional
logo
Vishay Siliconix
152RMH VISHAY-152RMH Datasheet
98Kb / 6P
Aluminum Capacitors Radial Miniature, High Voltage
15-May-08
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
Aluminum Capacitors Radial Miniature, High Voltage
09-Nov-12
140RTM VISHAY-140RTM_16 Datasheet
114Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
06-Oct-16
152RMH VISHAY-152RMH_17 Datasheet
107Kb / 6P
Aluminum Electrolytic Capacitors Radial Miniature, High Voltage
17-Mar-17
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
28-Feb-17
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature Long Life
28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
15-Jul-2022
140RTM VISHAY-140RTM_V01 Datasheet
111Kb / 7P
Aluminum Electrolytic Capacitors Radial, High Temperature Miniature
06-Oct-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com