Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

256PMG-SI Datasheet (PDF) - Vishay Siliconix

256PMG-SI Datasheet PDF - Vishay Siliconix
Part # 256PMG-SI
Download  256PMG-SI Download
File Size   115.18 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In

256PMG-SI Datasheet (PDF)

Go To PDF Page Download Datasheet
256PMG-SI Datasheet PDF - Vishay Siliconix

Part # 256PMG-SI
Download  256PMG-SI Click to download

File Size   115.18 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In

256PMG-SI Datasheet (HTML) - Vishay Siliconix


256PMG-SI Product details

FEATURES
• Useful life: 2000 h at +105 °C, > 5000 h at +85 °C
• Voltage range from 16 V to 100 V
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Pressure relief on the top of the aluminum case
• PET insulation sleeve
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 256PMG-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
17-Oct-16
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
17-Oct-16
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
20-May-15
More results


Similar Description - 256PMG-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
093PMG-SI VISHAY-093PMG-SI Datasheet
115Kb / 6P
Aluminum Capacitors Power Miniaturized General Purpose Snap-In
12-Aug-08
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
Aluminum Capacitors Power Miniaturized General Purpose Snap-In
23-Nov-11
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
21-May-15
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
21-May-15
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
20-May-15
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
11-Nov-16
093PMG-SI VISHAY-093PMG-SI_V01 Datasheet
94Kb / 7P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
11-Nov-16
193PUR-SI VISHAY-193PUR-SI_V01 Datasheet
111Kb / 7P
Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Dec-2022
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
17-Oct-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com