Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1847628 Datasheet (PDF) - PHOENIX CONTACT

1847628 Datasheet PDF - PHOENIX CONTACT
Part # 1847628
Download  1847628 Download
File Size   384.43 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCV 1,5/ 3-GF-5,08

1847628 Datasheet (PDF)

Go To PDF Page Download Datasheet
1847628 Datasheet PDF - PHOENIX CONTACT

Part # 1847628
Download  1847628 Click to download

File Size   384.43 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCV 1,5/ 3-GF-5,08

1847628 Datasheet (HTML) - PHOENIX CONTACT


1847628 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: MCV 1,5/..-
GF, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Screw locking, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1847628

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18476 ATOM-18476 Datasheet
173Kb / 2P
Anglesea
22nd of January 2025 08:40:58
logo
Weidmuller
1847600000 WEIDMULLER-1847600000 Datasheet
465Kb / 7P
ZPS 2.5/1AN/QV/10
1847600000 WEIDMULLER-1847600000 Datasheet
363Kb / 6P
ZP 2.5/1AN/11
1847600000 WEIDMULLER-1847600000 Datasheet
365Kb / 7P
ZP 2.5/1AN/10 GN/BE
1847600000 WEIDMULLER-1847600000 Datasheet
370Kb / 6P
ZP 2.5/1AN/14
More results


Similar Description - 1847628

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1847615 PHOENIX-1847615 Datasheet
138Kb / 9P
Feed-through header - MCV 1,5/ 2-GF-5,08
1847712 PHOENIX-1847712 Datasheet
145Kb / 5P
MCV 1,5/12-GF-5,08
1847686 PHOENIX-1847686 Datasheet
136Kb / 9P
Feed-through header - MCV 1,5/ 9-GF-5,08
09/12/2020
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
1847479 PHOENIX-1847479 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 3-GF-5,08
Nov 30, 2022
1847631 PHOENIX-1847631 Datasheet
383Kb / 10P
PCB header - MCV 1,5/ 4-GF-5,08
Nov 30, 2022
1847657 PHOENIX-1847657 Datasheet
384Kb / 10P
PCB header - MCV 1,5/ 6-GF-5,08
Jan 10, 2023
1847699 PHOENIX-1847699 Datasheet
384Kb / 10P
PCB header - MCV 1,5/10-GF-5,08
Jan 10, 2023
1847660 PHOENIX-1847660 Datasheet
391Kb / 12P
MCV 1,5/ 7-GF-5,08 - PCB header
1847673 PHOENIX-1847673 Datasheet
391Kb / 12P
MCV 1,5/ 8-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com