Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1847880 Datasheet (PDF) - PHOENIX CONTACT

1847880 Datasheet PDF - PHOENIX CONTACT
Part # 1847880
Download  1847880 Download
File Size   636.29 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - GMVSTBR 2,5/ 2-STF-7,62

1847880 Datasheet (PDF)

Go To PDF Page Download Datasheet
1847880 Datasheet PDF - PHOENIX CONTACT

Part # 1847880
Download  1847880 Click to download

File Size   636.29 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - GMVSTBR 2,5/ 2-STF-7,62

1847880 Datasheet (HTML) - PHOENIX CONTACT


1847880 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 2, number of rows: 1, number of positions: 2, number of connections: 2, product
range: GMVSTBR 2,5/..-STF, pitch: 7.62 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: 90 °, locking clip: -
Locking clip, plug-in system: COMBICON MSTB 2,5, locking: Screw locking, mounting: Screw
flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Larger pitch for increased voltage requirements
• Allows connection of two conductors
• Screwable flange for superior mechanical stability




Similar Part No. - 1847880

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18478 ATOM-18478 Datasheet
162Kb / 2P
Bronte
20th of January 2025 18:23:20
logo
PHOENIX CONTACT
1847806 PHOENIX-1847806 Datasheet
144Kb / 6P
MC 1,5/ 9-ST-3,81
1847806 PHOENIX-1847806 Datasheet
152Kb / 6P
MCVW 1,5/ 9-ST-3,81
1847806 PHOENIX-1847806 Datasheet
138Kb / 6P
MCVR 1,5/ 9-ST-3,81
logo
Weidmuller
1847810000 WEIDMULLER-1847810000 Datasheet
371Kb / 5P
SL-SMT 5.08/03/180F 1.5SN BK BX
More results


Similar Description - 1847880

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1847893 PHOENIX-1847893 Datasheet
155Kb / 9P
Printed-circuit board connector - GMVSTBR 2,5/ 3-STF-7,62
1847945 PHOENIX-1847945 Datasheet
145Kb / 5P
GMVSTBR 2,5/ 8-STF-7,62
1847974 PHOENIX-1847974 Datasheet
76Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/11-STF-7,62
1847929 PHOENIX-1847929 Datasheet
76Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/ 6-STF-7,62
1847932 PHOENIX-1847932 Datasheet
76Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/ 7-STF-7,62
1847916 PHOENIX-1847916 Datasheet
114Kb / 7P
Printed-circuit board connector - GMVSTBR 2,5/ 5-STF-7,62
1847958 PHOENIX-1847958 Datasheet
635Kb / 14P
PCB connector - GMVSTBR 2,5/ 9-STF-7,62
Jan 5, 2023
1847987 PHOENIX-1847987 Datasheet
635Kb / 14P
PCB connector - GMVSTBR 2,5/12-STF-7,62
Jan 5, 2023
1939743 PHOENIX-1939743 Datasheet
549Kb / 12P
PCB connector - GFKC 2,5/ 2-STF-7,62
Jan 4, 2023
1847961 PHOENIX-1847961 Datasheet
637Kb / 14P
GMVSTBR 2,5/10-STF-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com