Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1933998 Datasheet (PDF) - PHOENIX CONTACT

1933998 Datasheet PDF - PHOENIX CONTACT
Part # 1933998
Download  1933998 Download
File Size   210.95 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - ZFKDSA 1,5C-5,0- 2

1933998 Datasheet (PDF)

Go To PDF Page Download Datasheet
1933998 Datasheet PDF - PHOENIX CONTACT

Part # 1933998
Download  1933998 Click to download

File Size   210.95 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - ZFKDSA 1,5C-5,0- 2

1933998 Datasheet (HTML) - PHOENIX CONTACT


1933998 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product range:
ZFKDS(A) 1,5C, pitch: 5 mm, connection method: Spring-cage connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Angled connection enables multi-row arrangement on the PCB
• Actuation shafts that are parallel and orthogonal to the conductor axis enable flexible PCB designs
• The latching on the side enables various numbers of positions to be combined
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1933998

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
193392 FESTO-193392 Datasheet
101Kb / 1P
Pressure booster
logo
PHOENIX CONTACT
1933943 PHOENIX-1933943 Datasheet
433Kb / 14P
MKDSN 2,5/10 - PCB terminal block
1933956 PHOENIX-1933956 Datasheet
411Kb / 14P
MKDSN 2,5/13 - PCB terminal block
1933969 PHOENIX-1933969 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 1,5C-5,0- 3
09/12/2020
1933972 PHOENIX-1933972 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 4
More results


Similar Description - 1933998

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1729292 PHOENIX-1729292 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0-12
1834384 PHOENIX-1834384 Datasheet
95Kb / 4P
PCB terminal block - ZFKDSA 1,5C-5,0- 7
1933972 PHOENIX-1933972 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 4
1988451 PHOENIX-1988451 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 5
1988477 PHOENIX-1988477 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0- 8
1988574 PHOENIX-1988574 Datasheet
47Kb / 3P
PCB terminal block - ZFKDSA 1,5C-5,0-10
1933969 PHOENIX-1933969 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 1,5C-5,0- 3
09/12/2020
1933985 PHOENIX-1933985 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 1,5C-5,0- 6
09/12/2020
1033571 PHOENIX-1033571 Datasheet
248Kb / 8P
PCB terminal block - ZFKDSA 1,5C-5,0- 4-EXPROFINET1
Jun 27, 2022
1989188 PHOENIX-1989188 Datasheet
250Kb / 9P
ZFKDSA 1,5C-5,0-15 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com