Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1938951 Datasheet (PDF) - PHOENIX CONTACT

1938951 Datasheet PDF - PHOENIX CONTACT
Part # 1938951
Download  1938951 Download
File Size   269.41 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTB 2,5/ 5-G1-5,08

1938951 Datasheet (PDF)

Go To PDF Page Download Datasheet
1938951 Datasheet PDF - PHOENIX CONTACT

Part # 1938951
Download  1938951 Click to download

File Size   269.41 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTB 2,5/ 5-G1-5,08

1938951 Datasheet (HTML) - PHOENIX CONTACT


1938951 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 10,
number of rows: 2, number of positions: 5, number of connections: 10, product range: MDSTB
2,5/..-G1, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.
5 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard, In combination with MVSTB or FKCV plug components, both an MVSTBW
(or FKCVW) and an MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug
components is not possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1938951

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
193890 ETC2-193890 Datasheet
22Kb / 1P
Bezeichnung Configuration
logo
ERNI Electronics
193890 ERNI-193890 Datasheet
22Kb / 1P
Verdrahtungs-System
logo
List of Unclassifed Man...
193891 ETC2-193891 Datasheet
22Kb / 1P
Bezeichnung Configuration
logo
ERNI Electronics
193891 ERNI-193891 Datasheet
22Kb / 1P
Verdrahtungs-System
logo
PHOENIX CONTACT
1938919 PHOENIX-1938919 Datasheet
59Kb / 4P
Printed-circuit board connector - GIC 2,5/ 3-STF-7,62 BK
More results


Similar Description - 1938951

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1736713 PHOENIX-1736713 Datasheet
185Kb / 6P
MDSTB 2,5/ 4-G1-5,08
1762376 PHOENIX-1762376 Datasheet
185Kb / 6P
MDSTB 2,5/ 3-G1-5,08
1762415 PHOENIX-1762415 Datasheet
185Kb / 6P
MDSTB 2,5/ 6-G1-5,08
1762428 PHOENIX-1762428 Datasheet
334Kb / 14P
Feed-through header - MDSTB 2,5/ 7-G1-5,08
1762444 PHOENIX-1762444 Datasheet
185Kb / 6P
MDSTB 2,5/ 9-G1-5,08
1762486 PHOENIX-1762486 Datasheet
326Kb / 14P
Feed-through header - MDSTB 2,5/14-G1-5,08
1762512 PHOENIX-1762512 Datasheet
182Kb / 5P
MDSTB 2,5/17-G1-5,08
1762538 PHOENIX-1762538 Datasheet
182Kb / 5P
MDSTB 2,5/19-G1-5,08
1762680 PHOENIX-1762680 Datasheet
182Kb / 5P
MDSTB 2,5/20-G1-5,08
1938948 PHOENIX-1938948 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 2-G1-5,08
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com