Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB0824C-A Datasheet (PDF) - Microsemi Corporation

USB0824C-A Datasheet PDF - Microsemi Corporation
Part # USB0824C-A
Download  USB0824C-A Download
File Size   106.94 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Bidirectional TVSarray

USB0824C-A Datasheet (PDF)

Go To PDF Page Download Datasheet
USB0824C-A Datasheet PDF - Microsemi Corporation

Part # USB0824C-A
Download  USB0824C-A Click to download

File Size   106.94 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Bidirectional TVSarray

USB0824C-A Datasheet (HTML) - Microsemi Corporation


USB0824C-A Product details

DESCRIPTION
This Transient Voltage Suppressor (TVS) array is packaged in an SO-8 configuration giving protection to 2 Bidirectional data or interface lines. It is designed for use in applications where very low capacitance protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined in IEC 61000-4-2, electrical fast transients (EFT) per IEC 61000-4-4 and effects of secondary lightning. It is also available with either Tin-Lead plated terminations or as RoHS Compliant with annealed matte-Tin finish by adding an “e3” suffix to the part number*.
Using the schematic on the second page, pins 1 & 2 are tied together for the first protected line, and pins 7 & 8 are tied together to the ground. The same would then occur for a second protected line where pins 3 & 4 are tied together and pins 5 & 6 are tied together to the ground. These may also be switched in polarity connections since the electrical features are the same in each antiparallel (opposite facing) leg when the pins are tied together in this manner for bidirectional protection.
These TVS arrays have a peak power rating of 500 watts for an 8/20 μsec pulse. This array is suitable for protection of sensitive circuitry consisting of TTL, CMOS DRAM’s, SRAM’s, HCMOS, HSIC microprocessors, UNIVERSAL SERIAL BUS (USB) and I/O transceivers. The USB08XXC-A product provides board level protection from static electricity and other induced voltage surges that can damage or upset sensitive circuitry.

FEATURES
• Protects up to 2 bi-directional lines
• Surge protection per IEC 61000-4-2, IEC 61000-4-4
• Provides electrically isolated protection
• UL 94V-0 Flammability Classification
• RoHS Compliant devices available by adding “e3” suffix
• LOW CAPACITANCE 5 pF per line pair
• LOW LEAKAGE

APPLICATIONS / BENEFITS
• EIA-RS485 data rates: 5 Mbs
• 10 Base T Ethernet
• USB date rate: 900 Mbs
• Tape & Reel per EIA Standard 481
• 13 inch reel; 2,500 pieces (OPTIONAL)
• Carrier tubes; 95 pcs (STANDARD)




Similar Part No. - USB0824C-A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
USB0824C MCC-USB0824C Datasheet
131Kb / 2P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
USB0824C MICROSEMI-USB0824C Datasheet
91Kb / 2P
TVSarray Series
More results


Similar Description - USB0824C-A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMDA03C-4 MICROSEMI-SMDA03C-4 Datasheet
103Kb / 2P
TVSarray Series
SMDA03C-7 MICROSEMI-SMDA03C-7 Datasheet
94Kb / 2P
TVSarray Series
SMDA03C-8 MICROSEMI-SMDA03C-8 Datasheet
227Kb / 2P
TVSarray Series
SMP6LC50 MICROSEMI-SMP6LC50 Datasheet
85Kb / 2P
TVSarray Series
USB0803C MICROSEMI-USB0803C Datasheet
91Kb / 2P
TVSarray Series
USB50803C MICROSEMI-USB50803C Datasheet
91Kb / 2P
TVSarray Series
SMS03C MICROSEMI-SMS03C Datasheet
186Kb / 2P
4 LINE BIDIRECTIONAL TVSarray
USB0803CSO8PC MICROSEMI-USB0803CSO8PC Datasheet
207Kb / 2P
Bidirectional TVSarray
USB50403C MICROSEMI-USB50403C_1 Datasheet
105Kb / 2P
Bidirectional TVSarray ?
USB50803C-A MICROSEMI-USB50803C-A Datasheet
113Kb / 2P
Bidirectional Low Capacitance TVSarray ?
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com