Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4745AG Datasheet (PDF) - EIC discrete Semiconductors

1N4745AG Datasheet PDF - EIC discrete Semiconductors
Part # 1N4745AG
Download  1N4745AG Download
File Size   31.84 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

1N4745AG Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4745AG Datasheet PDF - EIC discrete Semiconductors

Part # 1N4745AG
Download  1N4745AG Click to download

File Size   31.84 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

1N4745AG Datasheet (HTML) - EIC discrete Semiconductors


1N4745AG Product details

VZ : 3.3to 100V

PD : 1.0 Watt





FEATURES:

• Silicon planar power zener diodes.

• For use in stabilizing and clipping circuits with high power rating.

• Standard zener voltagetolerance is ± 5%

•Othertolerances are available upon request.

• Pb/ RoHS Free




Similar Part No. - 1N4745AG

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4745AG SECOS-1N4745AG Datasheet
58Kb / 2P
VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
1N4745AG SECOS-1N4745AG Datasheet
218Kb / 2P
Hermetically Sealed Glass Zener Voltage Regulators
1N4745AG SECOS-1N4745AG Datasheet
218Kb / 2P
VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N4745AG SECELECTRONICS-1N4745AG Datasheet
218Kb / 2P
Hermetically Sealed Glass Zener Voltage Regulators
logo
Won-Top Electronics
1N4745AG WTE-1N4745AG Datasheet
106Kb / 5P
1.0W ZENER DIODE
September, 2012
More results


Similar Description - 1N4745AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com