Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXA10T600 Datasheet (PDF) - Power Integrations, Inc.

LXA10T600 Datasheet PDF - Power Integrations, Inc.
Part # LXA10T600
Download  LXA10T600 Download
File Size   252.49 Kbytes
Page   7 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 600 V, 10 A X-Series PFC Diode

LXA10T600 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXA10T600 Datasheet PDF - Power Integrations, Inc.

Part # LXA10T600
Download  LXA10T600 Click to download

File Size   252.49 Kbytes
Page   7 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 600 V, 10 A X-Series PFC Diode

LXA10T600 Datasheet (HTML) - Power Integrations, Inc.


LXA10T600 Product details

General Description
This device has the lowest QRR of any 600 V
silicon diode. Its recovery characteristics
increase efficiency, reduce EMI and eliminate
snubbers.
Applications
· Power Factor Correction (PFC) boost diode
· Motor drive circuits
· DC-AC inverters
Features
· Low QRR, low IRRM, low tRR
· High dIF/dt capable (1000 A/ms)
· Soft recovery
Benefits
· Increases efficiency
· Eliminates need for snubber circuits
· Reduces EMI filter component size and
count
· Enables extremely fast switching




Similar Part No. - LXA10T600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA10T600 POWERINT-LXA10T600 Datasheet
158Kb / 9P
600 V, 10 A X-Series PFC Diode
logo
Inchange Semiconductor ...
LXA10T600 ISC-LXA10T600 Datasheet
254Kb / 3P
Ultrafast Recovery Diode
More results


Similar Description - LXA10T600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
600 V, 3 A X-Series PFC Diode
LXA06T600 POWERINT-LXA06T600 Datasheet
244Kb / 8P
600 V, 6 A X-Series PFC Diode
LXA08T600 POWERINT-LXA08T600 Datasheet
246Kb / 10P
600 V, 8 A X-Series PFC Diode
LXA10T600 POWERINT-LXA10T600 Datasheet
158Kb / 9P
600 V, 10 A X-Series PFC Diode
LXA15T600 POWERINT-LXA15T600 Datasheet
123Kb / 7P
600 V, 15 A X-Series PFC Diode
LXA20T600 POWERINT-LXA20T600 Datasheet
116Kb / 7P
600 V, 20 A X-Series PFC Diode
LXA03T600 POWERINT-LXA03T600_V01 Datasheet
288Kb / 8P
600 V, 3 A X-Series PFC Diode
November 2013
LXA04T600 POWERINT-LXA04T600_V01 Datasheet
277Kb / 8P
600 V, 4 A X-Series PFC Diode
LXA08T600 POWERINT-LXA08T600_V01 Datasheet
490Kb / 8P
600 V, 8 A X-Series PFC Diode
January 2016
LXA20T600 POWERINT-LXA20T600_V01 Datasheet
355Kb / 7P
600 V, 20 A X-Series PFC Diode
June 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com