Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1486AR Datasheet (PDF) - Analog Devices

ADM1486AR Datasheet PDF - Analog Devices
Part # ADM1486AR
Download  ADM1486AR Download
File Size   393.15 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 0.8 mA PROFIBUS RS-485 Transceiver

ADM1486AR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1486AR Datasheet PDF - Analog Devices

Part # ADM1486AR
Download  ADM1486AR Click to download

File Size   393.15 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 V, 0.8 mA PROFIBUS RS-485 Transceiver

ADM1486AR Datasheet (HTML) - Analog Devices


ADM1486AR Product details

FEATURES
Meets and exceeds EIA RS-485 and EIA RS-422 standards
30 Mbps data rate
Recommended for PROFIBUS applications
2.1 V minimum differential output with 54 Ω termination
Low power 0.8 mA ICC
Thermal shutdown and short-circuit protection
0.5 ns skew driver and receiver
Driver propagation delay: 11 ns
Receiver propagation delay: 12 ns
High impedance outputs with drivers disabled or power off
Superior upgrade for SN65ALS1176
Available in standard 8-lead SOIC package

APPLICATIONS
Industrial field equipment




Similar Part No. - ADM1486AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486AR AD-ADM1486AR Datasheet
151Kb / 8P
5 V Low Power RS-485 PROFIBUS Transceiver
REV.B
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
More results


Similar Description - ADM1486AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
5 V Low Power RS-485 PROFIBUS Transceiver
REV.B
logo
Texas Instruments
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
logo
Analog Devices
ADM1486 AD-ADM1486_05 Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_15 Datasheet
393Kb / 16P
5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
logo
Texas Instruments
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
Isolated RS-485 Profibus Transceiver
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
Isolated Profibus RS-485 Transceiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com