Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1490E Datasheet (PDF) - Analog Devices

ADM1490E Datasheet PDF - Analog Devices
Part # ADM1490E
Download  ADM1490E Download
File Size   346.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers

ADM1490E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1490E Datasheet PDF - Analog Devices

Part # ADM1490E
Download  ADM1490E Click to download

File Size   346.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers

ADM1490E Datasheet (HTML) - Analog Devices


ADM1490E Product details

FEATURES
RS-485/RS-422 full-duplex transceiver for high speed motor control applications
16 Mbps data rate
±8 kV ESD protection on RS-485 input/output pins
Complies with ANSI/TIA/EIA-485-A-1998
Open circuit fail-safe
Suitable for 5 V power supply applications
32 nodes on the bus (1 unit load)
Thermal shutdown protection
Operating temperature range: −40°C to +85°C
ADM1490E packages
Narrow body, 8-lead SOIC
8-lead MSOP
ADM1491E packages
Narrow-body, 14-lead SOIC
10-lead MSOP

APPLICATIONS
RS-485/RS-422 interfaces
Industrial field networks
High data rate motor control
Multipoint data transmission systems
Single-ended-to-differential signal conversion




Similar Part No. - ADM1490E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1490E AD-ADM1490E Datasheet
341Kb / 16P
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
ADM1490EBRMZ AD-ADM1490EBRMZ Datasheet
341Kb / 16P
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
ADM1490EBRMZ-REEL7 AD-ADM1490EBRMZ-REEL7 Datasheet
341Kb / 16P
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
ADM1490EBRZ AD-ADM1490EBRZ Datasheet
341Kb / 16P
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
ADM1490EBRZ-REEL7 AD-ADM1490EBRZ-REEL7 Datasheet
341Kb / 16P
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
More results


Similar Description - ADM1490E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
Full Duplex RS-485 Transceivers
logo
Analog Devices
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1490E AD-ADM1490E Datasheet
341Kb / 16P
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
Full Duplex RS-485 Transceivers
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com