Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM202 Datasheet (PDF) - Analog Devices

ADM202 Datasheet PDF - Analog Devices
Part # ADM202_V01
Download  ADM202 Download
File Size   255.85 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver

ADM202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM202 Datasheet PDF - Analog Devices

Part # ADM202_V01
Download  ADM202 Click to download

File Size   255.85 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, 5 V, 0.1 μF CMOS RS-232 Driver/Receiver

ADM202 Datasheet (HTML) - Analog Devices


ADM202 Product details

FEATURES
120 kB transmission rate
Small (0.1 μF) charge pump capacitors
Single 5 V power supply
Meets TIA/EIA-232-E and V.28 specifications
2 drivers and 2 receivers
On-board dc-to-dc converters
±9 V output swing with 5 V supply
Low power BiCMOS: 2.5 mA ICC
±30 V receiver input levels

APPLICATIONS
Computers
Peripherals
Modems
Printers
Instruments




Similar Part No. - ADM202_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
2/05-Rev. B to Rev. C.
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM202E AD-ADM202E Datasheet
163Kb / 12P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.0
ADM202E AD-ADM202E Datasheet
254Kb / 16P
EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EA AD-ADM202EA Datasheet
163Kb / 12P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.0
More results


Similar Description - ADM202_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202 AD-ADM202 Datasheet
305Kb / 6P
High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV.0
ADM222 AD-ADM222 Datasheet
332Kb / 9P
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
REV.0
ADM232AARWZ AD-ADM232AARWZ Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 關F CMOS RS-232 Drivers/Receivers
REV. B
ADM222 AD-ADM222_01 Datasheet
183Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM202JNZ AD-ADM202JNZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202JRNZ AD-ADM202JRNZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202JRWZ AD-ADM202JRWZ Datasheet
127Kb / 6P
High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202JRWZ AD-ADM202JRWZ Datasheet
120Kb / 6P
High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. A
ADM206 AD-ADM206 Datasheet
254Kb / 16P
0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM222 AD-ADM222_V01 Datasheet
207Kb / 11P
High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com