Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3222ARS-REEL Datasheet (PDF) - Analog Devices

ADM3222ARS-REEL Datasheet PDF - Analog Devices
Part # ADM3222ARS-REEL
Download  ADM3222ARS-REEL Download
File Size   327.49 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 3.3 V, RS-232 Line Drivers/Receivers

ADM3222ARS-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3222ARS-REEL Datasheet PDF - Analog Devices

Part # ADM3222ARS-REEL
Download  ADM3222ARS-REEL Click to download

File Size   327.49 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 3.3 V, RS-232 Line Drivers/Receivers

ADM3222ARS-REEL Datasheet (HTML) - Analog Devices


ADM3222ARS-REEL Product details

FEATURES
460 kbps data rate
Specified at 3.3 V
Meets EIA-232E specifications
0.1 μF charge pump capacitors
Low power shutdown (ADM3222 and ADM1385)
PDIP, SOIC_N, SOIC_W, SSOP, and TSSOP options
Upgrade for MAX3222/MAX3232 and LTC1385
ESD protection to IEC 1000-4-2 (801.2)
on RS-232 pins (ADM3202 only)
±8 kV: contact discharge
±15 kV: air gap discharge

APPLICATIONS
General-purpose RS-232 data link
Portable instruments
Printers, palmtop computers, PDAs




Similar Part No. - ADM3222ARS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3222ARS-REEL AD-ADM3222ARS-REEL Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARS-REEL7 AD-ADM3222ARS-REEL7 Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
More results


Similar Description - ADM3222ARS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV.A
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARWZ AD-ADM3202ARWZ Datasheet
328Kb / 16P
Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com