Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC3230A Datasheet (PDF) - Analog Devices

DC3230A Datasheet PDF - Analog Devices
Part # DC3230A
Download  DC3230A Download
File Size   1180.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional Dual-Phase Single Output ±32A Inverting μModule Regulator

DC3230A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC3230A Datasheet PDF - Analog Devices

Part # DC3230A
Download  DC3230A Click to download

File Size   1180.16 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional Dual-Phase Single Output ±32A Inverting μModule Regulator

DC3230A Datasheet (HTML) - Analog Devices


DC3230A Product details

DESCRIPTION
Demonstration circuit 3230A features the LTM®4652, a
high efficiency, bidirectional dual-phase μModule® regulator
configured as a single 32A, –5V output. The input
voltage range is from 4.5V to 13V. For this inverting output
demo board, the maximum VIN + |VOUT| should not
exceed 18V. Derating is necessary for certain VIN, VOUT,
frequency and thermal conditions.
This demo board can be configured to source or sink
output load current. Hardware test setup diagrams for
both conditions are described in later sections. This
demo board is optimized using a default frequency of
780kHz under the 9VIN and –5VOUT condition. The current
mode architecture used in LTM4652 is peak current
mode control.
The part operates in continuous current mode by default
but can be placed in pulse-skipping mode to optimize
efficiency at light loads.
LTM4652 is available in a thermally enhanced 144-lead
(16mm × 16mm × 4.92mm) BGA package. Temperature
sensing options are included via onboard circuit. The
module package features an exposed metal top, electrically
unconnected for heatsinking capability.
Note that the inverting configuration of LTM4652 has a
different maximum current limit compared to the noninverting
configuration. The LTM4652 data sheet gives
a complete description of the operation and application
information. It is recommended to read the data sheet
and demo manual of LTM4652 prior to use or making
any hardware changes to DC3230A.




Similar Part No. - DC3230A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
The Shape that Fits the Future
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
The Shape that Fits the Future
logo
SAB North America
DC3222401TP SAB-DC3222401TP Datasheet
296Kb / 1P
Tray & VFD Cables
DC3222402TP SAB-DC3222402TP Datasheet
296Kb / 1P
Tray & VFD Cables
DC3222403TP SAB-DC3222403TP Datasheet
296Kb / 1P
Tray & VFD Cables
More results


Similar Description - DC3230A

ManufacturerPart #DatasheetDescription
logo
Sames
SA2007H SAMES-SA2007H Datasheet
154Kb / 10P
Single Phase Bidirectional Dual Element Power/Energy Metering IC with Pulse Output
logo
IXYS Corporation
LDA200 IXYS-LDA200 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
LDA202 IXYS-LDA202 Datasheet
120Kb / 6P
Dual Optocouplers, Bidirectional Input Single-Transistor Output
logo
Sames
PM9109BF SAMES-PM9109BF Datasheet
181Kb / 18P
MONOCHIP SINGLE PHASE BIDIRECTIONAL
SA4120A SAMES-SA4120A Datasheet
534Kb / 14P
Single Channel Single Phase Bidirectional Energy
SA9603B SAMES-SA9603B Datasheet
131Kb / 12P
Single Phase Bidirectional Power
SA2002H SAMES-SA2002H_17 Datasheet
487Kb / 11P
Single Phase Bidirectional Power
logo
Analog Devices
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4652 AD-LTM4652 Datasheet
4Mb / 38P
Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
Rev. 0
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com