Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LYT0002P Datasheet (PDF) - Power Integrations, Inc.

LYT0002P Datasheet PDF - Power Integrations, Inc.
Part # LYT0002P
Download  LYT0002P Download
File Size   1713.97 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications

LYT0002P Datasheet (PDF)

Go To PDF Page Download Datasheet
LYT0002P Datasheet PDF - Power Integrations, Inc.

Part # LYT0002P
Download  LYT0002P Click to download

File Size   1713.97 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications

LYT0002P Datasheet (HTML) - Power Integrations, Inc.


LYT0002P Product details

Product Highlights
• High power factor meeting EU and USA requirements
• Very low component count
• Frequency jitter reduces EMI
• No bias supply or transformer required
Cost-Effective LED driver
The LYTSwitch-0 family parts are a highly integrated combination
of controller, driver and switching power MOSFET that enable low
component-count, non-isolated switching topologies for highly
cost competitive LED lighting applications.
66 kHz operation together with frequency jittering insures a very
low-cost EMI filter. Less than <50 ms start-up time turn-on
without overshoot, improves end user experience – no delay.
Power Factor Correction
Allows designs that easily meet European and North American
standards for PFC in consumer lighting applications.
Tight CC Performance
Accurate current limit with tight line and load regulation that is
stable over a wide temperature range makes the LYTSwitch-0
ideal for LED lighting applications.
Comprehensive Protection
Integrated auto-restart for short-circuit, open-circuit and openloop
faults as well as a high threshold over-temperature
protection feature (min. 135 °C) with automatic restart provide
extensive protection at no additional cost.
LYTSwitch-0 Supports Different LED Applications
Flyback, buck, buck-boost and boost architectures are all
supported by the LYTSwitch-0 family. The 700 V switching power
MOSFET supports an input voltage range of 85 VAC to 308 VAC.
Description
The LYTSwitch™-0 family is specifically designed for low cost
LED bulb replacement applications. LYTSwitch-0 devices
integrate a 700 V power MOSFET, oscillator, simple ON/OFF
control scheme, a high-voltage switched current source,
frequency jittering, cycle-by-cycle current limit and thermal
shutdown circuitry into a monolithic IC.




Similar Part No. - LYT0002P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT0002 POWERINT-LYT0002 Datasheet
2Mb / 18P
Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
More results


Similar Description - LYT0002P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
Lowest Component Count, Energy Efficient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LYT0002 POWERINT-LYT0002 Datasheet
2Mb / 18P
Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
993Kb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com