Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3388 Datasheet (PDF) - List of Unclassifed Manufacturers

3388 Datasheet PDF - List of Unclassifed Manufacturers
Part # 3388
Download  3388 Download
File Size   317.42 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Trace Live 120/220VAC Power Lines (250VAC max)

3388 Datasheet (PDF)

Go To PDF Page Download Datasheet
3388 Datasheet PDF - List of Unclassifed Manufacturers

Part # 3388
Download  3388 Click to download

File Size   317.42 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Trace Live 120/220VAC Power Lines (250VAC max)

3388 Datasheet (HTML) - List of Unclassifed Manufacturers


3388 Product details

• Locate wires through Drywall, Plaster, Wood, Cement, etc.,
including buried wires up to 6”
• Trace wires up to 1000 feet for powered or unpowered common
wires including telephone and cable TV wires, LAN cables,
security system wires, invisible fences, landscape lighting, etc.
• Includes the versatile Fox HotWire Tone Generator (Toner) and
the high performance Hound HotWire Inductive Amplifier (Probe)
• Powered by a 9V battery for Low Voltage tracing or it can be
powered by the High Voltage line it is toning
• Generates multiple tones (Pulse or Warble)
• Visual and audible continuity test
• Exclusive TrueTrace function provides positive identification
of non-energized wires being traced
• Lightweight Probe features a thumbwheel Sensitivity control
and Signal Strength indicator LED
• Built-in LED headlights to illuminate dark areas and reduce
fluorescent light noise
• Bandpass filter to suppress unwanted frequencies
• Earphone jack for noisy or quiet work areas
• The HotWire‘s RF signal can be sensed through both building
materials and most metal conduit
• Includes Test Leads (24” and 60”), flat blades, pointed probes,
alligator clips and hard carrying case
• Designed to meet CATIII 250V
Features:




Similar Part No. - 3388

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3388 ETC-3388 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
Heyco.
3388 HEYCO-3388 Datasheet
133Kb / 1P
Double D Hole Plugs
logo
Adafruit Industries
3388 ADAFRUIT-3388 Datasheet
119Kb / 2P
Micro B USB Cable with LCD Voltage / Current Display
5-1-17
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880 Datasheet
760Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Similar Description - 3388

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRRJ25111A-QQW OPTOSUPPLY-OSRRJ25111A-QQW Datasheet
108Kb / 1P
5mm Round Module 220VAC LED
logo
E-SWITCH
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
ST711056 E-SWITCH-ST711056 Datasheet
115Kb / 1P
RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
ST711083 E-SWITCH-ST711083 Datasheet
133Kb / 1P
RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
logo
Semtech Corporation
GS6080 SEMTECH-GS6080 Datasheet
716Kb / 19P
Input signal trace equalization
logo
SICK AG
IRS080-X11XXXX SICK-IRS080-X11XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
IRS080-X53XXXX SICK-IRS080-X53XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
IRS100-X53XXXX SICK-IRS100-X53XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
logo
List of Unclassifed Man...
E3500 ETC1-E3500 Datasheet
604Kb / 2P
EXPLOSIVES TRACE DETECTOR
logo
Murata Manufacturing Co...
PLT10HH1026R0PN MURATA1-PLT10HH1026R0PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com