Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC123D Datasheet (PDF) - Toshiba Semiconductor

74HC123D Datasheet PDF - Toshiba Semiconductor
Part # 74HC123D
Download  74HC123D Download
File Size   324.19 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC123D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC123D Datasheet PDF - Toshiba Semiconductor

Part # 74HC123D
Download  74HC123D Click to download

File Size   324.19 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC123D Datasheet (HTML) - Toshiba Semiconductor


74HC123D Product details

Functional Description
• Dual Monostable Multivibrator
General
The 74HC123D is a high speed CMOS MONOSTABLE MULTIVIBRATOR fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
There are two trigger inputs, A input (negative edge), and B input (positive edge). These inputs are valid for a
slow rise/fall time signal (tr = tf = 1 s) as they are schmitt trigger inputs. This device may also be triggered by
using CLR input (positive edge).
After triggering, the output stays in a MONOSTABLE state for a time period determined by the external resistor
and capacitor (RX, CX). A low level at the CLR input breaks this state. In the MONOSTABLE state, if a new
trigger is applied, it extends the MONOSTABLE period (retrigger mode).
Limits for CX and RX are:
External capacitor, CX: No limit
External resistor, RX: VCC = 2.0 V more than 5 kΩ
VCC ≥ 3.0 V more than 1 kΩ
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features (Note)
(1) Wide operating temperature range: Topr = -40 to 125 (Note 1)
(2) High speed: tpd = 25 ns (typ.) at VCC = 5 V
(3) Low power dissipation:
Standby state: ICC = 4.0 μA (max) at Ta = 25
Active state: ICC = 1000 μA (max) at Ta = 25
(4) Balanced propagation delays: tPLH » tPHL
(5) Wide operating voltage range: VCC(opr) = 2.0 to 6.0 V




Similar Part No. - 74HC123D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC123D PHILIPS-74HC123D Datasheet
124Kb / 17P
Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HC123D NXP-74HC123D Datasheet
155Kb / 24P
Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
74HC123D PHILIPS-74HC123D Datasheet
295Kb / 25P
Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Nexperia B.V. All right...
74HC123D NEXPERIA-74HC123D Datasheet
322Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HC123D-Q100 NEXPERIA-74HC123D-Q100 Datasheet
846Kb / 23P
Dual retriggerable monostable multivibrator with reset
More results


Similar Description - 74HC123D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com