Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC132D Datasheet (PDF) - Toshiba Semiconductor

74HC132D Datasheet PDF - Toshiba Semiconductor
Part # 74HC132D
Download  74HC132D Download
File Size   177.99 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC132D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC132D Datasheet PDF - Toshiba Semiconductor

Part # 74HC132D
Download  74HC132D Click to download

File Size   177.99 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC132D Datasheet (HTML) - Toshiba Semiconductor


74HC132D Product details

Functional Description
• Quad 2-Input Schmitt NAND Gate
General
The 74HC132D is a high speed CMOS 2-INPUT NAND SCHMITT TRIGGER GATE fabricated with silicon gate
C2MOS technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
Pin configuration and function are the same as the 74HC00D but the inputs have 25% VCC hysteresis and with
its schmitt trigger inputs, the 74HC132D can be used as a line receiver for slow input signals.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
(1) Wide operating temperature range: Topr = -40 to 125 (Note 1)
(2) High speed: tpd = 11 ns (typ.) at VCC = 5 V
(3) Low power dissipation: ICC = 1.0 μA (max) at Ta = 25
(4) High noise immunity: VH = 1.1 V (typ.) at VCC = 4.5 V
(5) Balanced propagation delays: tPLH » tPHL
(6) Wide operating voltage range: VCC(opr) = 2.0 to 6.0 V




Similar Part No. - 74HC132D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC132D PHILIPS-74HC132D Datasheet
70Kb / 8P
Quad 2-input NAND Schmitt trigger
September 1993
logo
Nexperia B.V. All right...
74HC132D NEXPERIA-74HC132D Datasheet
269Kb / 16P
Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
74HC132D-Q100 NEXPERIA-74HC132D-Q100 Datasheet
248Kb / 19P
Quad 2-input NAND Schmitt trigger
logo
NXP Semiconductors
74HC132DB PHILIPS-74HC132DB Datasheet
70Kb / 8P
Quad 2-input NAND Schmitt trigger
September 1993
logo
ON Semiconductor
74HC132DR2G ONSEMI-74HC132DR2G Datasheet
140Kb / 9P
Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
More results


Similar Description - 74HC132D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com