Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC594D Datasheet (PDF) - Toshiba Semiconductor

74HC594D Datasheet PDF - Toshiba Semiconductor
Part # 74HC594D
Download  74HC594D Download
File Size   250.81 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC594D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC594D Datasheet PDF - Toshiba Semiconductor

Part # 74HC594D
Download  74HC594D Click to download

File Size   250.81 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC594D Datasheet (HTML) - Toshiba Semiconductor


74HC594D Product details

Functional Description
• 8-Bit Shift Register with Output Register
General
The 74HC594D is a high speed 8-BIT SHIFT REGISTER with Output Register fabricated with silicon gate
C2MOS technology.
It achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
The 74HC594D contains an 8-bit static shift register which feeds an 8-bit storage register.
Shift operation is accomplished on the positive going transition of the SCK input. The output register is loaded
with the contents of the shift register on the positive going transition of the RCK input. Since RCK and SCK
signal are independent, parallel outputs can be held stable during the shift operation. And direct overriding clears
(SCLR and RCLR) are provided on both the shift and storage registers.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
(1) High speed: fMAX = 55 MHz (typ.) at VCC = 5 V
(2) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25
(3) Balanced propagation delays: tPLH ≈ tPHL
(4) Wide operating voltage range: VCC(opr) = 2.0 V to 6.0 V




Similar Part No. - 74HC594D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC594D PHILIPS-74HC594D Datasheet
71Kb / 10P
8-bit shift register with output register
December 1991
74HC594D NXP-74HC594D Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74HC594D NEXPERIA-74HC594D Datasheet
347Kb / 23P
8-bit shift register with output register
Rev. 7 - 20 October 2022
74HC594D-Q100 NEXPERIA-74HC594D-Q100 Datasheet
873Kb / 25P
8-bit shift register with output register
74HC594D-Q100 NEXPERIA-74HC594D-Q100 Datasheet
329Kb / 22P
8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Similar Description - 74HC594D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com