Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECK150HAAPA Datasheet (PDF) - TE Connectivity Ltd

ECK150HAAPA Datasheet PDF - TE Connectivity Ltd
Part # ECK150HAAPA
Download  ECK150HAAPA Download
File Size   1981.08 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description HIGH VOLTAGE CONTACTORS ECK150 SERIES

ECK150HAAPA Datasheet (PDF)

Go To PDF Page Download Datasheet
ECK150HAAPA Datasheet PDF - TE Connectivity Ltd

Part # ECK150HAAPA
Download  ECK150HAAPA Click to download

File Size   1981.08 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description HIGH VOLTAGE CONTACTORS ECK150 SERIES

ECK150HAAPA Datasheet (HTML) - TE Connectivity Ltd


ECK150HAAPA Product details

FEATURES
• Hermetically sealed with ceramic technology
• Designed with built-in economizer, hold power 1.7W
• Maximum DC breaking current at 1500A
• Maximum DC breaking voltage at 1000VDC
• Auxiliary contact version available
• Comply with DC-1 utilization category in IEC60947-4-1

APPLICATION
• DC Charging station, Electric vehicle, AGV, Electric forklift,
Energy storage systems, Photovoltaic inverter




Similar Part No. - ECK150HAAPA

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECK-20-30.000M-GA ECLIPTEK-ECK-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECK-20-30.000M-GTR ECLIPTEK-ECK-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECK-20-30.000M-I2A ECLIPTEK-ECK-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECK-20-30.000M-I2TR ECLIPTEK-ECK-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
ECK-20-30.000M-L2A ECLIPTEK-ECK-20-30.000M-L2A Datasheet
109Kb / 3P
CRYSTAL
More results


Similar Description - ECK150HAAPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
CONTACTORS / REVERSING CONTACTORS
logo
TE Connectivity Ltd
MAP200 TEC-MAP200 Datasheet
249Kb / 2P
KILOVAC High Voltage DC Contactors
EV200B TEC-EV200B Datasheet
239Kb / 2P
KILOVAC High Voltage DC Contactors
CAP200 TEC-CAP200 Datasheet
268Kb / 2P
KILOVAC High Voltage DC Contactors
CAP202 TEC-CAP202 Datasheet
367Kb / 2P
KILOVAC High Voltage DC Contactors
IHVA150 TEC-IHVA150 Datasheet
298Kb / 4P
High Voltage Contactors IHVA150 Series
IHVA200 TEC-IHVA200 Datasheet
297Kb / 4P
High Voltage Contactors IHVA200 Series
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
ECK200 TEC-ECK200 Datasheet
1Mb / 4P
HIGH VOLTAGE CONTACTORS ECK200 SERIES
12/22
ECK250 TEC-ECK250 Datasheet
1Mb / 4P
HIGH VOLTAGE CONTACTORS ECK250 SERIES
12/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com