Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-T5793 Datasheet (PDF) - Exar Corporation

XR-T5793 Datasheet PDF - Exar Corporation
Part # XR-T5793
Download  XR-T5793 Download
File Size   164.12 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Quad E1 Line Interface Unit

XR-T5793 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR-T5793 Datasheet PDF - Exar Corporation

Part # XR-T5793
Download  XR-T5793 Click to download

File Size   164.12 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Quad E1 Line Interface Unit

XR-T5793 Datasheet (HTML) - Exar Corporation


XR-T5793 Product details

GENERAL DESCRIPTION
The XR-T5793 is an optimized line interface unit, built using low power CMOS technology. This device contains four independent E1 channels for primary rate, PCM applications up to 2.048Mbps. Each channel performs the driver and receiver functions necessary to convert bipolar signals to TTL/CMOS compatible logic levels and vice versa. The device supports single ended or balanced line interfaces on each channel, thereby providing the user an option of reducing system cost and board space by replacing the transformer with a capacitor.

FEATURES
● Meets CCITT G.703 Pulse Mask Template for
   2.048Mbps (E1) Rates
● Transmitter and Receiver Interfaces Can Be:
   – Single Ended, 75Ω Capacitive or Transformer
      Coupled
   – Balanced, 100Ω or 120Ω Transformer Coupled
● Minimum Return Loss is 20dB (Receive) and 18dB
   (Transmit), Exceeds G.703 and ETSI 300 166
   Specifications
● Bipolar Outputs Can Be Disabled Individually (High
   Z Outputs)
● System Interface is TTL Compatible on Digital Input
   and TTL/CMOS Compatible on Digital Output Pins
● Individual Channel Loss of Signal Detection, Local
   and Remote Digital Loopback
● Low Power, CMOS Technology
● Over-Temperature Protection

APPLICATIONS
● Multi-Line E1 Interface Cards
● E1 Network Equipment
   – Multiplexers
   – Cross Connects
   – Switching Systems
● Fault Tolerant Systems




Similar Part No. - XR-T5793

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T5794 EXAR-XR-T5794 Datasheet
186Kb / 20P
Quad E-1 Line Interface Unit
XR-T5794IJ EXAR-XR-T5794IJ Datasheet
186Kb / 20P
Quad E-1 Line Interface Unit
XR-T5794IV EXAR-XR-T5794IV Datasheet
186Kb / 20P
Quad E-1 Line Interface Unit
More results


Similar Description - XR-T5793

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
Quad T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
E1 LINE INTERFACE UNIT
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
Seven-Channel E1 Line Interface Unit
logo
Infineon Technologies A...
PEB22504 INFINEON-PEB22504 Datasheet
1Mb / 128P
Quad Line Interface Unit for E1?껿1?껲1 QuadLIU
February 2001 Version 1.1
logo
Integrated Device Techn...
IDT82V2044 IDT-IDT82V2044 Datasheet
1Mb / 61P
QUAD T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
QUAD E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
Octal E1 Line Interface Unit
logo
Renesas Technology Corp
IDT82V2044E RENESAS-IDT82V2044E Datasheet
1Mb / 74P
QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
August 2004
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com