Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH05TZ600 Datasheet (PDF) - Power Integrations, Inc.

QH05TZ600 Datasheet PDF - Power Integrations, Inc.
Part # QH05TZ600
Download  QH05TZ600 Download
File Size   237.79 Kbytes
Page   9 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 600 V, 5 A H-Series PFC Diode

QH05TZ600 Datasheet (PDF)

Go To PDF Page Download Datasheet
QH05TZ600 Datasheet PDF - Power Integrations, Inc.

Part # QH05TZ600
Download  QH05TZ600 Click to download

File Size   237.79 Kbytes
Page   9 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 600 V, 5 A H-Series PFC Diode

QH05TZ600 Datasheet (HTML) - Power Integrations, Inc.


QH05TZ600 Product details

General Description
This device has the lowest QRR of any 600 V
silicon diode. Its recovery characteristics
increase efficiency, reduce EMI and eliminate
snubbers.
Applications
• Power Factor Correction (PFC) boost diode
• Motor drive circuits
• DC-AC inverters
Features
• Low QRR, low IRRM, low tRR
• High dIF/dt capable (1000 A / μs)
• Soft recovery
Benefits
• Increases efficiency
• Eliminates need for snubber circuits
• Reduces EMI filter component size & count
• Enables extremely fast switching




Similar Part No. - QH05TZ600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
QH05TZ600 POWERINT-QH05TZ600 Datasheet
112Kb / 7P
600 V, 5 A H-Series PFC Diode
More results


Similar Description - QH05TZ600

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA05TC600 POWERINT-LQA05TC600 Datasheet
133Kb / 7P
600 V, 5 A Q-Series PFC Diode
LXA03T600 POWERINT-LXA03T600 Datasheet
218Kb / 8P
600 V, 3 A X-Series PFC Diode
QH03TZ600 POWERINT-QH03TZ600 Datasheet
112Kb / 7P
600 V, 3 A H-Series PFC Diode
QH05TZ600 POWERINT-QH05TZ600 Datasheet
112Kb / 7P
600 V, 5 A H-Series PFC Diode
QH08TZ600 POWERINT-QH08TZ600 Datasheet
113Kb / 7P
600 V, 8 A H-Series PFC Diode
QH12TZ600 POWERINT-QH12TZ600 Datasheet
113Kb / 7P
600 V, 12 A H-Series PFC Diode
LQA03TC600 POWERINT-LQA03TC600_V01 Datasheet
369Kb / 7P
600 V, 3 A Q-Series PFC Diode
November 2015
QH03TZ600 POWERINT-QH03TZ600_V01 Datasheet
227Kb / 9P
600 V, 3 A H-Series PFC Diode
November 2015
QH08TZ600 POWERINT-QH08TZ600_V01 Datasheet
228Kb / 9P
600 V, 8 A H-Series PFC Diode
November 2015
QH12TZ600 POWERINT-QH12TZ600_V01 Datasheet
235Kb / 9P
600 V, 12 A H-Series PFC Diode
November 2015
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com