Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G953 Datasheet (PDF) - Global Mixed-mode Technology Inc

G953 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G953
Download  G953 Download
File Size   29.18 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1.5A Low Dropout Regulator

G953 Datasheet (PDF)

Go To PDF Page Download Datasheet
G953 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G953
Download  G953 Click to download

File Size   29.18 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1.5A Low Dropout Regulator

G953 Datasheet (HTML) - Global Mixed-mode Technology Inc


G953 Product details

General Description
The G953 is a high performance positive voltage regulator designed for use in applications requiring very low dropout voltage at up to 1.5 Amps. G953 features 500mV dropout voltages and very low ground current. Although designed for high current loads, these devices are also useful in lower current, extremely low dropout-critical systems, where their minimal dropout voltage and ground current values are important characteristics.
The G953 provides excellent regulation over variations in line, load and temperature.

Features
■ Fixed output voltage
■ Output current up to 1.5A
■ Over current and over temperature protection
■ Low dropout voltage 500mV@1.5A
■ Low ground current
■ SOT-223 package

Applications
■ Battery powered systems
■ Motherboards
■ Peripheral cards
■ Network cards
■ Set Top Boxes
■ Notebook Computers




Similar Part No. - G953

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
2.5V 1A Regulator
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
2.5V 1A Regulator
logo
List of Unclassifed Man...
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
More results


Similar Description - G953

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
1.5A Low-Dropout Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
AT9915 GMT-AT9915 Datasheet
65Kb / 1P
1.5A Low Dropout Regulator
G9915 GMT-G9915 Datasheet
94Kb / 1P
1.5A Low Dropout Regulator
logo
Unisonic Technologies
LR2915 UTC-LR2915 Datasheet
168Kb / 4P
1.5A, LOW DROPOUT REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com