Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G957 Datasheet (PDF) - Global Mixed-mode Technology Inc

G957 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G957
Download  G957 Download
File Size   307.95 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1.5V 1A Regulator

G957 Datasheet (PDF)

Go To PDF Page Download Datasheet
G957 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G957
Download  G957 Click to download

File Size   307.95 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1.5V 1A Regulator

G957 Datasheet (HTML) - Global Mixed-mode Technology Inc


G957 Product details

General Description
The G957 positive 1.5V voltage regulator features the ability to source 1A of output current. The typical quiescent current is 0.54mA.
Familiar regulator features such as over temperature and over current protection circuits are provided to prevent it from being damaged by abnormal operating conditions.

Features
■ Output current in excess of 1A
■ Output voltage accuracy ±2.0%
■ Quiescent current, typically 0.54mA
■ Internal short circuit current limit
■ Internal over temperature protection

Applications
■ PC motherboard
■ ADSL/Cable Modem
■ Set-Top-Box
■ LAN switch/Hub
■ Broad band access




Similar Part No. - G957

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
2.5V 1A Regulator
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
2.5V 1A Regulator
logo
List of Unclassifed Man...
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
More results


Similar Description - G957

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5207-2 CHERRY-CS5207-2 Datasheet
128Kb / 5P
7A, 1.5V Fixed Linear Regulator
Rev. 6/12/98
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
1.8V 1A Regulator
logo
Allegro MicroSystems
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G915 GMT-G915 Datasheet
222Kb / 5P
1.5V 600mA Low Dropout Regulator
G915 GMT-G915_07 Datasheet
282Kb / 7P
1.5V 600mA Low Dropout Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Global Mixed-mode Techn...
G952 GMT-G952_15 Datasheet
68Kb / 1P
1.8V 1A Regulator
G915 GMT-G915_15 Datasheet
40Kb / 1P
1.5V 600mA Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com