Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D84629 Datasheet (PDF) - NXP Semiconductors

D84629 Datasheet PDF - NXP Semiconductors
Part # D84629
Download  D84629 Download
File Size   195.94 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Airfast RF Power LDMOS Transistor

D84629 Datasheet (PDF)

Go To PDF Page Download Datasheet
D84629 Datasheet PDF - NXP Semiconductors

Part # D84629
Download  D84629 Click to download

File Size   195.94 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Airfast RF Power LDMOS Transistor

D84629 Datasheet (HTML) - NXP Semiconductors


D84629 Product details

Designed for handheld two−way radio applications with frequencies from
136 to 941 MHz. The high gain, ruggedness and wideband performance of this
device make it ideal for large−signal, common−source amplifier applications in
handheld radio equipment.

Features
• Characterized for operation from 136 to 941 MHz
• Unmatched input and output allowing wide frequency range utilization
• Device can be used single−ended or in a push−pull configuration
• Integrated ESD protection
• Integrated stability enhancements
• Wideband — full power across each band
• Extreme ruggedness
• High linearity for: TETRA, SSB

Typical Applications
• Output stage VHF band handheld radio
• Output stage UHF band handheld radio
• Output stage for 700–800 MHz handheld radio




Similar Part No. - D84629

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
D840 WXDH-D840 Datasheet
1Mb / 12P
8A 500V N-channel Enhancement Mode Power MOSFET
logo
Infineon Technologies A...
D8407N INFINEON-D8407N Datasheet
186Kb / 7P
Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:2
logo
Hitec RCD USA
D840WP HITEC-RCD-D840WP Datasheet
292Kb / 1P
Contact Analog Potentiometer
Ver2.1
logo
NXP Semiconductors
D84289 NXP-D84289 Datasheet
491Kb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 10/2022
logo
Savantic, Inc.
D844 SAVANTIC-D844 Datasheet
126Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - D84629

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A3T09S100N NXP-A3T09S100N Datasheet
427Kb / 20P
Airfast RF Power LDMOS Transistor
Rev. 0-March 2021
A3V26S004N NXP-A3V26S004N Datasheet
313Kb / 13P
Airfast RF Power LDMOS Transistor
Rev. 0-December 2020
A5G23H065N NXP-A5G23H065N Datasheet
204Kb / 11P
Airfast RF Power GaN Transistor
Rev. 0-November 2021
A5G26S004N NXP-A5G26S004N Datasheet
292Kb / 13P
Airfast RF Power GaN Transistor
Rev. 2 ??January 2022
A5G35S004N NXP-A5G35S004N_V01 Datasheet
199Kb / 13P
Airfast RF Power GaN Transistor
Rev. 3 - July 2022
A5G23H065N NXP-A5G23H065N_V01 Datasheet
192Kb / 11P
Airfast RF Power GaN Transistor
Rev. 1 - November 2022
A5G26H110N NXP-A5G26H110N_V01 Datasheet
192Kb / 11P
Airfast RF Power GaN Transistor
Rev. 1 - November 2022
A5G35H055N NXP-A5G35H055N_V01 Datasheet
191Kb / 11P
Airfast RF Power GaN Transistor
Rev. 2 - November 2022
A5G26S004N NXP-A5G26S004N_V02 Datasheet
211Kb / 13P
Airfast RF Power GaN Transistor
Rev. 4 - April 2023
A5G26S008N NXP-A5G26S008N_V03 Datasheet
214Kb / 13P
Airfast RF Power GaN Transistor
Rev. 3 - April 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com