Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA0200-10-3X Datasheet (PDF) - Vishay Barry

AA0200-10-3X Datasheet PDF - Vishay Barry
Part # AA0200-10-3X
Download  AA0200-10-3X Download
File Size   139.17 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride

AA0200-10-3X Datasheet (PDF)

Go To PDF Page Download Datasheet
AA0200-10-3X Datasheet PDF - Vishay Barry

Part # AA0200-10-3X
Download  AA0200-10-3X Click to download

File Size   139.17 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride

AA0200-10-3X Datasheet (HTML) - Vishay Barry


AA0200-10-3X Product details

Features:
♦ Aluminum Nitride Material
♦ DC - 4 GHz Performance
♦ 10 Watt Input Power
♦ Flange Mount

General Description:
The AA0200-10-3X is a 2 dB, Aluminum
Nitride flanged attenuator. It has an input power rating
of 10 watts, while maintaining a constant flange
temperature of 100°C. It offers a frequency range
of DC to 4 GHz.




Similar Part No. - AA0200-10-3X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0200-100-9X BARRY-AA0200-100-9X Datasheet
134Kb / 1P
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Rev. B
More results


Similar Description - AA0200-10-3X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TA1000-800-10X BARRY-TA1000-800-10X Datasheet
63Kb / 1P
Aluminum Nitride
Rev.09/24/12
TA50R0-800-15X BARRY-TA50R0-800-15X Datasheet
68Kb / 1P
Aluminum Nitride
Revision Date 06/19/12
TV1005CT-50R0JN-2Q-01 BARRY-TV1005CT-50R0JN-2Q-01 Datasheet
157Kb / 1P
ALUMINUM NITRIDE
Rev.A 02/06/04
TA50R0-100-2X BARRY-TA50R0-100-2X Datasheet
158Kb / 1P
Aluminum Nitride
Rev.A 04/09/04
TA50R0-100-7X BARRY-TA50R0-100-7X Datasheet
128Kb / 1P
ALUMINUM NITRIDE
Rev.B 04/14/10
TVC2335CT-50R0GN-2T-15 BARRY-TVC2335CT-50R0GN-2T-15 Datasheet
549Kb / 1P
ALUMINUM NITRIDE
02/23/07
TVC3523CT-50R0GN-2T BARRY-TVC3523CT-50R0GN-2T Datasheet
160Kb / 1P
ALUMINUM NITRIDE
05/23/08
D06Z-50R0J2T-04C36-X BARRY-D06Z-50R0J2T-04C36-X Datasheet
176Kb / 1P
ALUMINUM NITRIDE
Rev.B 04/18/08
TVC3737CT-50R0JN-2T-04 BARRY-TVC3737CT-50R0JN-2T-04 Datasheet
178Kb / 1P
ALUMINUM NITRIDE
Rev.C 04/18/08
TZC3725CT-XXXXJN-2T-01 BARRY-TZC3725CT-XXXXJN-2T-01 Datasheet
191Kb / 1P
ALUMINUM NITRIDE
Rev.C 06/14/06
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com