Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1881 Datasheet (PDF) - Maxim Integrated Products

DS1881 Datasheet PDF - Maxim Integrated Products
Part # DS1881
Download  DS1881 Download
File Size   222.65 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual NV Audio Taper Digital Potentiometer

DS1881 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1881 Datasheet PDF - Maxim Integrated Products

Part # DS1881
Download  DS1881 Click to download

File Size   222.65 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual NV Audio Taper Digital Potentiometer

DS1881 Datasheet (HTML) - Maxim Integrated Products


DS1881 Product details

General Description
The DS1881 is a dual, nonvolatile (NV) digital potentiometer designed to operate in audio systems that require 5V signal levels. The potentiometer settings can be stored in EEPROM so that they are retained when the power is cycled. The DS1881 has separate supplies for the potentiometers (VCC) and the communication circuitry (VDD).

Features
♦ Dual, Audio Log Taper Potentiometers
♦ Low THD+N and Crosstalk
♦ 5V Analog Supply (Independent of Digital Supply)
♦ 3V to 5V Digital Supply Range
♦ Potentiometer Settings Configurable as NV or Volatile
♦ Zero-Crossing Detector Eliminates Switching Noise
♦ Two User-Configurable Attenuation Options
♦ Configuration Option 1: 63 Positions Provide 1dB Attenuation Steps from 0dB to -62dB Plus Mute
♦ Configuration Option 2: (Software-Compatible with the DS1808): 33 Positions Plus Mute as Follows
    Positions 0–12: 1dB per Step for 12 Steps
    Positions 13–24: 2dB per Step for 12 Steps
    Positions 25–32: 3dB per Step for 8 Steps
♦ I2C*-Compatible Serial Interface
♦ Three Address Pins Allow Up to 8 Devices on I2C Bus
♦ 45kΩ Potentiometer End-to-End Resistance
♦ Industrial Temperature Range (-40°C to +85°C)
♦ 16-Pin TSSOP or SO Package

Applications
    Notebook and PC Audio
    Portable Audio Equipment
    Car Stereo
    Consumer Audio/Video




Similar Part No. - DS1881

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882E-050+ MAXIM-DS1882E-050+ Datasheet
237Kb / 15P
Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882E-050+TR MAXIM-DS1882E-050+TR Datasheet
237Kb / 15P
Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882Z-050+ MAXIM-DS1882Z-050+ Datasheet
237Kb / 15P
Dual Log Audio Digital Potentiometer
Rev 0; 6/06
DS1882Z-050+TR MAXIM-DS1882Z-050+TR Datasheet
237Kb / 15P
Dual Log Audio Digital Potentiometer
Rev 0; 6/06
More results


Similar Description - DS1881

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
Dual Audio Taper Potentiometer
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
DS1807 DALLAS-DS1807 Datasheet
463Kb / 13P
Addressable Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
Dual Log Audio Digital Potentiometer
Rev 0; 6/06
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
DS1807 MAXIM-DS1807 Datasheet
468Kb / 13P
Addressable Dual Audio Taper Potentiometer
110499
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
Dual Audio Taper Potentiometer With Pushbutton Control
051401
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com