Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5078 Datasheet (PDF) - Maxim Integrated Products

MAX5078 Datasheet PDF - Maxim Integrated Products
Part # MAX5078
Download  MAX5078 Download
File Size   715.11 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4A, 20ns, MOSFET Driver

MAX5078 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5078 Datasheet PDF - Maxim Integrated Products

Part # MAX5078
Download  MAX5078 Click to download

File Size   715.11 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4A, 20ns, MOSFET Driver

MAX5078 Datasheet (HTML) - Maxim Integrated Products


MAX5078 Product details

General Description
The MAX5078A/MAX5078B high-speed MOSFET drivers source and sink up to 4A peak current. These devices feature a fast 20ns propagation delay and 20ns rise and fall times while driving a 5000pF capacitive load. Propagation delay time is minimized and matched between the inverting and noninverting inputs. High sourcing/sinking peak currents, low propagation delay, and thermally enhanced packages make the MAX5078A/MAX5078B ideal for high-frequency and high-power circuits.

Features
♦ 4V to 15V Single Power Supply
♦ 4A Peak Source/Sink Drive Current
♦ 20ns (typ) Propagation Delay
♦ Matching Delay Between Inverting and Noninverting Inputs
♦ VDD / 2 CMOS (MAX5078A)/TTL (MAX5078B) Logic Inputs
♦ 0.1 x VDD (CMOS) and 0.3V (TTL) Logic-Input Hysteresis
♦ Up to +18V Logic Inputs (Regardless of VDD Voltage)
♦ Low Input Capacitance: 2.5pF (typ)
♦ 40µA (typ) Quiescent Current
♦ -40°C to +125°C Operating Temperature Range
♦ 6-Pin TDFN Package




Similar Part No. - MAX5078

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
4A, 20ns, MOSFET Driver
Rev 2; 9/12
More results


Similar Description - MAX5078

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L149 STMICROELECTRONICS-L149 Datasheet
93Kb / 6P
4A LINEAR DRIVER
Jul-2003
logo
IXYS Corporation
IX4R11 IXYS-IX4R11 Datasheet
616Kb / 6P
4A Half-Bridge Driver
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054 Datasheet
429Kb / 17P
4A, 20ns, Dual MOSFET Drivers
Rev 0; 8/04
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
30V/4A Half Bridge Driver
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
4A, 20ns, MOSFET Driver
Rev 2; 9/12
logo
Alpha & Omega Semicondu...
AOK5N100 AOSMD-AOK5N100 Datasheet
294Kb / 5P
1000V,4A N-Channel MOSFET
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
600V,4A N-Channel MOSFET
logo
Texas Instruments
UCC27324-Q1 TI1-UCC27324-Q1_15 Datasheet
462Kb / 22P
Dual 4A Peak High-Speed Low-Side Power MOSFET Driver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com