Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3001 Datasheet (PDF) - Micrel Semiconductor

MIC3001 Datasheet PDF - Micrel Semiconductor
Part # MIC3001
Download  MIC3001 Download
File Size   357.06 Kbytes
Page   74 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SFP Management IC with Internal Calibration

MIC3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3001 Datasheet PDF - Micrel Semiconductor

Part # MIC3001
Download  MIC3001 Click to download

File Size   357.06 Kbytes
Page   74 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SFP Management IC with Internal Calibration

MIC3001 Datasheet (HTML) - Micrel Semiconductor


MIC3001 Product details

General Description

The MIC3001 enables the implementation of sophisticated, hot-pluggable fiber optic transceivers with intelligent laser control and an internally calibrated Digital Diagnostic Monitoring Interface per SFF-8472. It essentially integrates all non-datapath functions of an SFP transceiver into a tiny (4mm x 4mm) MLF® package. It also works well as a microcontroller peripheral in transponders or 10Gbps transceivers.



Features

• APC or constant-current laser bias

• Turbo mode for APC loop start-up and shorter laser turn on time

• Supports multiple laser types and bias circuit topologies

• Drives external low-cost BJT for laser bias

• Integrated digital temperature sensor

• Temperature compensation of modulation, bias, and fault levels via NVRAM look-up tables

• Direct interface to SY88932, SY88982, SY89307 and other drivers

• NVRAM to support GBIC/SFP serial ID function

• User writable EEPROM scratchpad

• Diagnostic monitoring interface per SFF-8472

   – Monitors and reports critical parameters: temperature, bias current, TX and RX optical power,

   – S/W control and monitoring of TXFAULT, RXLOS, RATESELECT, and TXDISABLE

   – Internal or external calibration

   – EEPOT for adjusting RX power measurement

• Power-on hour meter

• Interrupt capability

• Extensive test and calibration features

• 2-wire I2C compatible serial interface

• SFP MSA and SFF-8472 compliant

• 3.0V to 3.6V power supply range

• 5V-tolerant I/O

• 4mm x 4mm 24-pin MLF® package



Applications

• SFF/SFP optical transceivers

• SONET/SDH transceivers and transponders

• Fibre channel transceivers

• 10Gbps transceivers

• Free space optical communications

• Proprietary optical links



 




Similar Part No. - MIC3001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
1Mb / 76P
FOM Management IC with Internal Calibration
MIC3001 MICREL-MIC3001 Datasheet
1Mb / 10P
TXRX_982_R1 Evaluation Board
MIC3001BML MICREL-MIC3001BML Datasheet
1Mb / 76P
FOM Management IC with Internal Calibration
MIC3001BMLTR MICREL-MIC3001BMLTR Datasheet
1Mb / 76P
FOM Management IC with Internal Calibration
MIC3001GML MICREL-MIC3001GML Datasheet
1Mb / 76P
FOM Management IC with Internal Calibration
More results


Similar Description - MIC3001

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
CDCE401 TI-CDCE401 Datasheet
311Kb / 19P
OSCILLATOR IC WITH ELECTRONIC CALIBRATION
logo
Micrel Semiconductor
MIC3000 MICREL-MIC3000 Datasheet
416Kb / 68P
SFP Management IC
MIC3002 MICREL-MIC3002 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibr ation
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3001 MICREL-MIC3001_11 Datasheet
1Mb / 76P
FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
FOM Management IC with Internal Calibration
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
FOM Management IC with Internal Calibration
MIC3002 MICREL-MIC3002_10 Datasheet
1Mb / 65P
FOM Management IC with Internal Calibration
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com