Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC919BC5 Datasheet (PDF) - Micrel Semiconductor

MIC919BC5 Datasheet PDF - Micrel Semiconductor
Part # MIC919BC5
Download  MIC919BC5 Download
File Size   47.59 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 27MHz Low-Power SOT-23-5/SC-70 Op Amp

MIC919BC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC919BC5 Datasheet PDF - Micrel Semiconductor

Part # MIC919BC5
Download  MIC919BC5 Click to download

File Size   47.59 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 27MHz Low-Power SOT-23-5/SC-70 Op Amp

MIC919BC5 Datasheet (HTML) - Micrel Semiconductor


MIC919BC5 Product details

General Description
The MIC919 is a high-speed operational amplifier with a gain bandwidth product of 27MHz. The part is unity gain stable. It has a very low 360µA supply current, and features the IttyBitty™ SOT-23-5 package and SC-70 package.

Features
• 27MHz gain bandwidth product
• 360µA supply current
• SOT-23-5 or SC-70 packages
• 1500V/µs slew rate
• drives any capacitive load
• Unity gain stable

Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers




Similar Part No. - MIC919BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
MIC910BM5 MICREL-MIC910BM5 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC910BM5 MICREL-MIC910BM5 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC910YM5 MICREL-MIC910YM5 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results


Similar Description - MIC919BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911 Datasheet
204Kb / 12P
105MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913 Datasheet
180Kb / 12P
350MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
80MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
230MHz Low-Power SC-70 Op Amp
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com