Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOCN112 Datasheet (PDF) - Belden Inc.

GOCN112 Datasheet PDF - Belden Inc.
Part # GOCN112
Download  GOCN112 Download
File Size   149.19 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM1.

GOCN112 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCN112 Datasheet PDF - Belden Inc.

Part # GOCN112
Download  GOCN112 Click to download

File Size   149.19 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM1.

GOCN112 Datasheet (HTML) - Belden Inc.


GOCN112 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 12 fibers MM OM1.




Similar Part No. - GOCN112

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN104 BELDEN-GOCN104 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM1.
2023 Belden, Inc
GOCN104.002100 BELDEN-GOCN104.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM1.
2023 Belden, Inc
GOCN106 BELDEN-GOCN106 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM1.
2023 Belden, Inc
GOCN106.002100 BELDEN-GOCN106.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM1.
2023 Belden, Inc
GOCN106.012100 BELDEN-GOCN106.012100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM1.
2023 Belden, Inc
More results


Similar Description - GOCN112

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN104 BELDEN-GOCN104 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM1.
2023 Belden, Inc
GOCN106 BELDEN-GOCN106 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM1.
2023 Belden, Inc
GOCN212 BELDEN-GOCN212 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GOCNE12 BELDEN-GOCNE12 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GODN108 BELDEN-GODN108 Datasheet
154Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 8f MM OM1.
2023 Belden, Inc
GODN212 BELDEN-GODN212 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GODNE12 BELDEN-GODNE12 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f MM OM4.
2023 Belden, Inc
GORN112 BELDEN-GORN112 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 12f MM OM1.
2023 Belden, Inc
GOSN112 BELDEN-GOSN112 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 12f MM OM1.
2023 Belden, Inc
GOVN112 BELDEN-GOVN112 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 12f MM OM1.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com