Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOCN216 Datasheet (PDF) - Belden Inc.

GOCN216 Datasheet PDF - Belden Inc.
Part # GOCN216
Download  GOCN216 Download
File Size   147.54 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 16f MM OM2.

GOCN216 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCN216 Datasheet PDF - Belden Inc.

Part # GOCN216
Download  GOCN216 Click to download

File Size   147.54 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 16f MM OM2.

GOCN216 Datasheet (HTML) - Belden Inc.


GOCN216 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 16 fibers MM OM2.




Similar Part No. - GOCN216

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN212 BELDEN-GOCN212 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GOCN212.002100 BELDEN-GOCN212.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
GOCN212.004100 BELDEN-GOCN212.004100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f MM OM2.
2023 Belden, Inc
More results


Similar Description - GOCN216

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCND16 BELDEN-GOCND16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
GODN216 BELDEN-GODN216 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GODND16 BELDEN-GODND16 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 16f MM OM3.
2023 Belden, Inc
GODNE16 BELDEN-GODNE16 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 16f MM OM4.
2023 Belden, Inc
GOEN216 BELDEN-GOEN216 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GOHN216 BELDEN-GOHN216 Datasheet
156Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GORN216 BELDEN-GORN216 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GOSN216 BELDEN-GOSN216 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GOVN216 BELDEN-GOVN216 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
GOWN216 BELDEN-GOWN216 Datasheet
140Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 16f MM OM2.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com