Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8150V18AB Datasheet (PDF) - GSI Technology

GS8150V18AB Datasheet PDF - GSI Technology
Part # GS8150V18AB
Download  GS8150V18AB Download
File Size   797.97 Kbytes
Page   25 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM

GS8150V18AB Datasheet (PDF)

Go To PDF Page Download Datasheet
GS8150V18AB Datasheet PDF - GSI Technology

Part # GS8150V18AB
Download  GS8150V18AB Click to download

File Size   797.97 Kbytes
Page   25 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM

GS8150V18AB Datasheet (HTML) - GSI Technology


GS8150V18AB Product details

Family Overview
GS8150V18/36A are 18,874,368-bit (18Mb) high performance SRAMs. This family of wide, very low voltage HSTL I/O SRAMs is designed to operate at the speeds needed to implement economical high performance cache systems.

Features
• Register-Register Late Write mode, Pipelined Read mode
• 1.8 V +150/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• ZQ controlled programmable output drivers
• Dual Cycle Deselect
• Fully coherent read and write pipelines
• Byte write operation (9-bit bytes)
• Differential HSTL clock inputs, K and K
• Asynchronous output enable
• Sleep mode via ZZ
• IEEE 1149.1 JTAG-compliant Serial Boundary Scan
• JEDEC-standard 119-bump BGA package
• Pb-Free 119-bump BGA package available




Similar Part No. - GS8150V18AB

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250 GSI-GS815018AB-250 Datasheet
992Kb / 25P
1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-250I GSI-GS815018AB-250I Datasheet
992Kb / 25P
1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300 GSI-GS815018AB-300 Datasheet
992Kb / 25P
1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
GS815018AB-300I GSI-GS815018AB-300I Datasheet
992Kb / 25P
1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
More results


Similar Description - GS8150V18AB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
512K x 36/1M x 18 Pipelined SRAM
logo
GSI Technology
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS815018AB GSI-GS815018AB Datasheet
992Kb / 25P
1M x 18, 512K x 36 18Mb Register-Register Late Write SRAM
logo
Cypress Semiconductor
CY7C1330AV25 CYPRESS-CY7C1330AV25 Datasheet
397Kb / 19P
18-Mbit (512K x 36/1Mbit x 18) Pipelined Register-Register Late Write
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
512K x 36/1M x 18 Pipelined SRAM
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com