Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOCNI04 Datasheet (PDF) - Belden Inc.

GOCNI04 Datasheet PDF - Belden Inc.
Part # GOCNI04
Download  GOCNI04 Download
File Size   148.15 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.B3.

GOCNI04 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCNI04 Datasheet PDF - Belden Inc.

Part # GOCNI04
Download  GOCNI04 Click to download

File Size   148.15 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.B3.

GOCNI04 Datasheet (HTML) - Belden Inc.


GOCNI04 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 4 fibers SM OS2 G.657.B3.




Similar Part No. - GOCNI04

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCNI02 BELDEN-GOCNI02 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.B3.
2023 Belden, Inc
GOCNI06 BELDEN-GOCNI06 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.B3.
2023 Belden, Inc
GOCNI08 BELDEN-GOCNI08 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.B3.
2023 Belden, Inc
More results


Similar Description - GOCNI04

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCNI08 BELDEN-GOCNI08 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.B3.
2023 Belden, Inc
GOCNI12 BELDEN-GOCNI12 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 12f SM OS2 G.657.B3.
2023 Belden, Inc
GODNI02 BELDEN-GODNI02 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.B3.
2023 Belden, Inc
GODNI04 BELDEN-GODNI04 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.B3.
2023 Belden, Inc
GODNI08 BELDEN-GODNI08 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.B3.
2023 Belden, Inc
GODNI12 BELDEN-GODNI12 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 12f SM OS2 G.657.B3.
2023 Belden, Inc
GODNI16 BELDEN-GODNI16 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 16f SM OS2 G.657.B3.
2023 Belden, Inc
GODNI24 BELDEN-GODNI24 Datasheet
154Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 24f SM OS2 G.657.B3.
2023 Belden, Inc
GORNI04 BELDEN-GORNI04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.B3.
2023 Belden, Inc
GOVNI04 BELDEN-GOVNI04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.B3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com