Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPM-717 Datasheet (PDF) - Advantech Co., Ltd.

FPM-717 Datasheet PDF - Advantech Co., Ltd.
Part # FPM-717
Download  FPM-717 Download
File Size   473.49 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports

FPM-717 Datasheet (PDF)

Go To PDF Page Download Datasheet
FPM-717 Datasheet PDF - Advantech Co., Ltd.

Part # FPM-717
Download  FPM-717 Click to download

File Size   473.49 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports

FPM-717 Datasheet (HTML) - Advantech Co., Ltd.


FPM-717 Product details

Features
ƒ 17” SXGA TFT LED LCD with 50,000 backlight lifetime
ƒ 15" XGA/19" SXGA TFT LED LCD with 70,000 backlight lifetime
ƒ Direct HDMI, DP and VGA input interfaces
ƒ Anti-glare screen with tempered glass
ƒ Robust system with Die-casting aluminum chassis and IP66-rated aluminum
alloy front bezel
ƒ Lockable I/O connectors
ƒ Slim design enables easy installation
ƒ OSD control buttons with 2 user-defined contrast/brightness controls
ƒ Combo RS-232 & USB interface for touchscreen functionality
ƒ Supports various mount options: panel, wall, desktop, rack or VESA arm
mounting




Similar Part No. - FPM-717

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-710SW ADVANTECH-FPM-710SW Datasheet
755Kb / 2P
USB Type-C one cable, 10.1" WUXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP
2-Jun-2025
FPM-710SW-P7AE ADVANTECH-FPM-710SW-P7AE Datasheet
755Kb / 2P
USB Type-C one cable, 10.1" WUXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP
2-Jun-2025
FPM-710SW-P7AU ADVANTECH-FPM-710SW-P7AU Datasheet
755Kb / 2P
USB Type-C one cable, 10.1" WUXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI, DP
2-Jun-2025
FPM-7121T ADVANTECH-FPM-7121T Datasheet
451Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-7121T-R3AE ADVANTECH-FPM-7121T-R3AE Datasheet
451Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
More results


Similar Description - FPM-717

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5152G ADVANTECH-FPM-5152G Datasheet
364Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touchscreens, Display Port
FPM-5172G ADVANTECH-FPM-5172G Datasheet
364Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touchscreens, Display Port
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5152G ADVANTECH-FPM-5152G_14 Datasheet
400Kb / 2P
15" XGA / 17" SXGA / 19" SXGA Industrial Monitors with Resistive Touchscreens, Lockable Display Port
FPM-3191G ADVANTECH-FPM-3191G_V01 Datasheet
342Kb / 2P
9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
FPM-817S ADVANTECH-FPM-817S Datasheet
455Kb / 2P
17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DP Ports, and 304 Stainless Steel Front Bezel
25-Feb-2020
FPM-212 ADVANTECH-FPM-212 Datasheet
509Kb / 2P
12 XGA/15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
25-Oct-2021
FPM-5191G ADVANTECH-FPM-5191G Datasheet
404Kb / 2P
15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com